Electronic Components Datasheet Search
  English  ▼

X  

APX72B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX72B
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX72B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX72B Datasheet HTML 1Page - Anpec Electronics Coropration APX72B Datasheet HTML 2Page - Anpec Electronics Coropration APX72B Datasheet HTML 3Page - Anpec Electronics Coropration APX72B Datasheet HTML 4Page - Anpec Electronics Coropration APX72B Datasheet HTML 5Page - Anpec Electronics Coropration APX72B Datasheet HTML 6Page - Anpec Electronics Coropration APX72B Datasheet HTML 7Page - Anpec Electronics Coropration APX72B Datasheet HTML 8Page - Anpec Electronics Coropration APX72B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2015
APX9172/72A/72B
www.anpec.com.tw
4
APX9172/72A/72B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD1
Operating Current
Rotation Mode
-
5
7
mA
IDD2
Standby Supply Current
PWM = 0
-
4
6
mA
VO
Output Driver Saturation Voltage
IOUT=300mA,
Upper and Lower total
-
0.6
0.9
V
VFG/RD
FG/RD Pin Low Voltage
IFG =5mA
-
0.1
0.3
V
IFGL/RDL
FG/RD Pin Off Leakage Current
VFG =12V
-
<0.1
1
µA
VPWMH
Pulse Mode PWM Input High Level
Voltage
2.5
-
VDD+0.5
V
VPWML
Pulse Mode PWM Input Low Level Voltage
0
-
0.8
V
TON
Lock Detection On Time
0.28
0.4
0.52
sec
TOFF
Lock Detection Off Time
2.8
4
5.2
sec
TQS
Quick Start Enable Time
-
66.5
90
ms
FPWM
PWM Input Frequency
20
-
50
kHz
OTS
Over Temperature Shutdown Threshold
-
165
-
oC
Over Temperature Shutdown Hysteresis
-
30
-
oC
Electrical Characteristics (T
A=25°C, VDD=12V, unless otherwise noted)
Magnetic Characteristics (T
A=25°C, VDD=12V, unless otherwise noted)
APX9172/72A/72B
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Bop
Magnetic Operation Point
5
15
30
Gauss
Brp
Magnetic Release Point
-30
-15
-5
Gauss
Bhys
Magnetic Hysteresis
30
Gauss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com