Electronic Components Datasheet Search
  English  ▼

X  

AD7768BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 12Page - Analog Devices AD7768BSTZ Datasheet HTML 13Page - Analog Devices AD7768BSTZ Datasheet HTML 14Page - Analog Devices AD7768BSTZ Datasheet HTML 15Page - Analog Devices AD7768BSTZ Datasheet HTML 16Page - Analog Devices AD7768BSTZ Datasheet HTML 17Page - Analog Devices AD7768BSTZ Datasheet HTML 18Page - Analog Devices AD7768BSTZ Datasheet HTML 19Page - Analog Devices AD7768BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 16 of 99
TIMING SPECIFICATIONS
AVDD1A = AVDD1B = 5 V, AVDD2A = AVDD2B = 5 V, IOVDD = 2.25 V to 3.6 V, Input Logic 0 = DGND, Input Logic 1 = IOVDD;
CLOAD = 10 pF on the DCLK pin, CLOAD = 20 pF on the other digital outputs; REFx+ = 4.096 V, TA = −40°C to +105°C. See Table 5 and
Table 6 for timing specifications at 1.8 V IOVDD.
Table 3. Data Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
MCLK
Master clock
1.15
34
MHz
fMOD
Modulator frequency
Fast mode
MCLK/4
Hz
Median mode
MCLK/8
Hz
Eco mode
MCLK/32
Hz
t1
DRDY high time
tDCLK = t8 + t9
tDCLK − 10%
28
ns
t2
DCLK rising edge to DRDY rising edge
2
ns
t3
DCLK rising to DRDY falling
−3.5
0
ns
t4
DCLK rise to DOUTx valid
1.5
ns
t5
DCLK rise to DOUTx invalid
−3
ns
t6
DOUTx valid to DCLK falling
9.5
tDCLK/2
ns
t7
DCLK falling edge to DOUTx invalid
9.5
tDCLK/2
ns
t8
DCLK high time, DCLK = MCLK/1
50:50 CMOS clock
tDCLK/2
tDCLK/2
(tDCLK/2) + 5
ns
t8a = DCLK = MCLK/2
tMCLK = 1/MCLK
tMCLK
ns
t8b = DCLK = MCLK/4
2 × tMCLK
ns
t8c = DCLK = MCLK/8
4 × tMCLK
ns
t9
DCLK low time DCLK = MCLK/1
50:50 CMOS clock
(tDCLK/2) − 5
tMCLK/2
tDCLK/2
ns
t9a = DCLK = MCLK/2
tMCLK
ns
t9b = DCLK = MCLK/4
2 × tMCLK
ns
t9c = DCLK = MCLK/8
4 × tMCLK
ns
t10
MCLK rising to DCLK rising
CMOS clock
30
ns
t11
Setup time (daisy-chain inputs)
DOUT6 and DOUT7 on the AD7768,
DIN on the AD7768-4
14
ns
t12
Hold time (daisy-chain inputs)
DOUT6 and DOUT7 on the AD7768,
DIN on the AD7768-4
0
ns
t13
START low time
1 × tMCLK
ns
t14
MCLK to SYNC_OUT valid
CMOS clock
SYNC_OUT RETIME_EN bit disabled;
measured from falling edge of MCLK
4.5
22
ns
SYNC_OUT RETIME_EN bit enabled;
measured from rising edge of MCLK
9.5
27.5
ns
t15
SYNC_IN setup time
CMOS clock
0
ns
t16
SYNC_IN hold time
CMOS clock
10
ns
1
These specifications are not production tested but are supported by characterization data at initial product release.
Table 4. SPI Control Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t17
SCLK period
100
ns
t18
CS falling edge to SCLK rising edge
26.5
ns
t19
SCLK falling edge to CS rising edge
27
ns
t20
CS falling edge to data output enable
22.5
40.5
ns
t21
SCLK high time
20
50
ns
t22
SCLK low time
20
50
ns
t23
SCLK falling edge to SDO valid
15
ns
t24
SDO hold time after SCLK falling
7
ns
t25
SDI setup time
0
ns
t26
SDI hold time
6
ns
t27
SCLK enable time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com