Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9691
Description  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9691 Datasheet HTML 62Page - Analog Devices AD9691 Datasheet HTML 63Page - Analog Devices AD9691 Datasheet HTML 64Page - Analog Devices AD9691 Datasheet HTML 65Page - Analog Devices AD9691 Datasheet HTML 66Page - Analog Devices AD9691 Datasheet HTML 67Page - Analog Devices AD9691 Datasheet HTML 68Page - Analog Devices AD9691 Datasheet HTML 69Page - Analog Devices AD9691 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
AD9691
Data Sheet
Rev. 0 | Page 66 of 72
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x559
Output Mode
Control 1
0
Converter control Bit 1 selection
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS
(Register 0x58F) = 2 or 3
0
Converter control Bit 0 selection
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS
(Register 0x58F) = 3
0x00
0x55A
Output Mode
Control 2
0
0
0
0
0
Converter control Bit 2 selection
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit
011 = fast detect (FD) bit
101 = SYSREF±
Used when CS (Register 0x58F) = 1, 2, or 3
0x00
0x561
Output mode
0
0
0
0
0
Sample
invert
0 =
normal
1 =
sample
invert
Data format select
00 = offset binary
01 = twos complement
0x01
0x562
Output
overrange
(OR) clear
Virtual
Converter
7 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Conver-
ter 6 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 5
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual Con-
verter 4 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 3
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Con-verter
2 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 1
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual Con-
verter 0 OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00
0x563
Output OR
status
Virtual
Con-
verter 7 OR
0 = no OR
1 = OR
occured
Virtual
Con-
verter 6
OR
0 = no
OR
1 = OR
occured
Virtual
Con-
verter 5
OR
0 = no
OR
1 = OR
occured
Virtual
Converter 4
OR
0 = no OR
1 = OR
occured
Virtual
Conver-
ter 3 OR
0 = no
OR
1 = OR
occured
Virtual
Con-verter
2 OR
0 = no OR
1 = OR
occured
Virtual
Con-
verter 1
OR
0 = no OR
1 = OR
occured
Virtual Con-
verter 0 OR
0 = no OR
1 = OR
occured
0x00
Read only
0x564
Output
channel select
0
0
0
0
0
0
0
Converter
channel
swap
0 = normal
channel
ordering
1 = channel
swap
enabled
0x00
0x56E
JESD204B lane
rate control
0
0
0
0 = serial
lane rate >
6.25 Gbps
and
≤12.5 Gbps
1 = serial
lane rate
must be >
3.125 Gbps
and ≤
6.25 Gbps
0
0
0
0
0x10
0x570
JESD204B
quick config-
uration
JESD204B quick configuration
L = number of lanes = 2Register 0x570, Bits[7:6]
M = number of converters = 2Register 0x570, Bits[5:3]
F = number of octets/frame = 2 Register 0x570, Bits[2:0]
0x88
See
Table 25
and
Table 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com