Electronic Components Datasheet Search
  English  ▼

X  

AD9691 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9691
Description  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9691 Datasheet HTML 9Page - Analog Devices AD9691 Datasheet HTML 10Page - Analog Devices AD9691 Datasheet HTML 11Page - Analog Devices AD9691 Datasheet HTML 12Page - Analog Devices AD9691 Datasheet HTML 13Page - Analog Devices AD9691 Datasheet HTML 14Page - Analog Devices AD9691 Datasheet HTML 15Page - Analog Devices AD9691 Datasheet HTML 16Page - Analog Devices AD9691 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Data Sheet
AD9691
Rev. 0 | Page 13 of 72
–120
–100
–80
–60
–40
–20
0
0
125
250
375
500
625
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 58.2dBFS
ENOB = 9.3 BITS
SFDR = 67dBFS
BUFFER CURRENT = 4.5×
Figure 12. Single-Tone FFT with fIN = 1205.3 MHz
–120
–100
–80
–60
–40
–20
0
0
125
250
375
500
625
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 56.5dBFS
ENOB = 9.0 BITS
SFDR = 66dBFS
BUFFER CURRENT = 5.5×
Figure 13. Single-Tone FFT with fIN = 1600.3 MHz
–120
–100
–80
–60
–40
–20
0
0
125
250
375
500
625
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 56.5dBFS
ENOB = 9.0 BITS
SFDR = 66dBFS
BUFFER CURRENT = 7.5×
Figure 14. Single-Tone FFT with fIN = 1950.3 MHz
50
55
60
65
70
75
80
85
1000
1050
1100
1150
1200
1250
SAMPLE RATE (MHz)
SNR
SFDR
Figure 15. SNR/SFDR vs. Sample Rate (fS), fIN = 170.3 MHz, Buffer Current = 3.0×
50
55
60
65
70
75
80
85
90
INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 16. SNR/SFDR vs. Input Frequency (fIN), fIN < 600 MHz,
Buffer Current = 3.5× (See Figure 41 and Table 9)
50
55
60
65
70
75
80
700.3
800.3
900.3
1000.3
1100.3
1200.3
INPUT FREQUENCY (MHz)
SNR
SFDR
Figure 17. SNR/SFDR vs. Input Frequency (fIN), 700 MHz < fIN < 1200 MHz,
Buffer Current = 4.5× (See Figure 41 and Table 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com