Electronic Components Datasheet Search
  English  ▼

X  

ADuM3154ARSZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADuM3154ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3154ARSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADuM3154ARSZ Datasheet HTML 10Page - Analog Devices ADuM3154ARSZ Datasheet HTML 11Page - Analog Devices ADuM3154ARSZ Datasheet HTML 12Page - Analog Devices ADuM3154ARSZ Datasheet HTML 13Page - Analog Devices ADuM3154ARSZ Datasheet HTML 14Page - Analog Devices ADuM3154ARSZ Datasheet HTML 15Page - Analog Devices ADuM3154ARSZ Datasheet HTML 16Page - Analog Devices ADuM3154ARSZ Datasheet HTML 17Page - Analog Devices ADuM3154ARSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADuM3154
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
MCLK
3
MO
4
20
19
18
17
MI
5
MSS
6
SSA0
7
16
15
14
SSA1
8
13
NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THIS PIN IS NOT INTERNALLY
CONNECTED AND SERVES NO
FUNCTION IN THE ADuM3154.
9
12
GND1
VDD2
GND2
SCLK
SI
SO
SS0
SS1
SS2
SS3
GND2
10
11
ADuM3154
(Not to Scale)
TOP VIEW
Figure 3. Pin Configuration
Table 17. Pin Function Descriptions
Pin No.
Mnemonic Direction Description
1
VDD1
Power
Input Power Supply for Side 1. A bypass capacitor from VDD1 to GND1 to local ground is required.
2, 10
GND1
Return
Ground 1. Ground reference for Isolator Side 1.
3
MCLK
Input
SPI Clock from the Master Controller.
4
MO
Input
SPI Data from the Master to the Slave MO/SI Line.
5
MI
Output
SPI Data from the Slave to the Master MI/SO Line.
6
MSS
Input
Slave Select from the Master. This signal uses an active low logic. The slave select pin can require as
much as a 10 ns setup time from the next clock or data edge depending on the speed grade.
7
SSA0
Input
Multiplexer Selection Input, Low Order Bit.
8
SSA1
Input
Multiplexer Selection Input, High Order Bit.
9
NIC
Not Internally Connected. This pin is not internally connected and serves no function in the ADuM3154.
11, 19
GND2
Return
Ground 2. Ground reference for Isolator Side 2.
12
SS3
Output
Routed Slave Select Signal. High-Z when SS3 is not selected.
13
SS2
Output
Routed Slave Select Signal. High-Z when SS2 is not selected.
14
SS1
Output
Routed Slave Select Signal. High-Z when SS1 is not selected.
15
SS0
Output
Routed Slave Select Signal. High-Z when SS0 is not selected.
16
SO
Input
SPI Data from the Slave to the Master MI/SO Line.
17
SI
Output
SPI Data from the Master to the Slave MO/SI Line.
18
SCLK
Output
SPI Clock from the Master Controller.
20
VDD2
Power
Input Power Supply for Side 2. A bypass capacitor from VDD2 to GND2 to local ground is required.
Rev. A | Page 14 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com