Electronic Components Datasheet Search
  English  ▼

X  

ADuM3154ARSZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADuM3154ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3154ARSZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADuM3154ARSZ Datasheet HTML 14Page - Analog Devices ADuM3154ARSZ Datasheet HTML 15Page - Analog Devices ADuM3154ARSZ Datasheet HTML 16Page - Analog Devices ADuM3154ARSZ Datasheet HTML 17Page - Analog Devices ADuM3154ARSZ Datasheet HTML 18Page - Analog Devices ADuM3154ARSZ Datasheet HTML 19Page - Analog Devices ADuM3154ARSZ Datasheet HTML 20Page - Analog Devices ADuM3154ARSZ Datasheet HTML 21Page - Analog Devices ADuM3154ARSZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
ADuM3154
Data Sheet
Rev. A | Page 22 of 22
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-150-AE
20
11
10
1
7.50
7.20
6.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 18. 20-Lead Shrink Small Outline Package [SSOP]
(RS-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
No. of
Inputs,
VDD1 Side
No. of
Inputs,
VDD2 Side
Maximum
Data Rate (MHz)
Maximum
Propagation
Delay, 5 V (ns)
Isolation
Rating
(V rms)
Temperature
Range
Package
Description
Package
Option
ADuM3154ARSZ
5
1
1
25
3750
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM3154ARSZ-RL7
5
1
1
25
3750
−40°C to +125°C
20-Lead SSOP,
7” Tape and Reel
RS-20
ADuM3154BRSZ
5
1
17
14
3750
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM3154BRSZ-RL7
5
1
17
14
3750
−40°C to +125°C
20-Lead SSOP,
7” Tape and Reel
RS-20
EVAL-ADuM3154Z
Evaluation Board
1 Z = RoHS Compliant Part.
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12369-0-3/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com