Electronic Components Datasheet Search
  English  ▼

X  

ADAV4601 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 6Page - Analog Devices ADAV4601 Datasheet HTML 7Page - Analog Devices ADAV4601 Datasheet HTML 8Page - Analog Devices ADAV4601 Datasheet HTML 9Page - Analog Devices ADAV4601 Datasheet HTML 10Page - Analog Devices ADAV4601 Datasheet HTML 11Page - Analog Devices ADAV4601 Datasheet HTML 12Page - Analog Devices ADAV4601 Datasheet HTML 13Page - Analog Devices ADAV4601 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
ADAV4601
Rev. B | Page 10 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF
AGND
AVDD
NC
NC
NC
FILTA
NC
NC
NC
NC
DGND
DVDD
MUTE
SDA
SCL
SPDIF_IN5/LRCLK2
SPDIF_IN6/BCLK2
DGND
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
11
NC
AVDD
HPOUT1R
HPOUT1L
PLL_LF
AGND
AGND
NC
NC = NO CONNECT
AVDD
DGND
DVDD
PWM4B
PWM4A
PWM3B
PWM3A
PWM2B
PWM2A
PWM1B
PWM1A
DGND
59
58
57
54
55
56
60
53
52
51
49
48
47
46
45
44
43
42
41
50
RESET
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
ADAV4601
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FILTA
ADC Filter Capacitor.
2
VREF
Reference Capacitor.
3
AGND
ADC Ground.
4
AVDD
ADC Supply (3.3 V).
5 to 12
NC
No Connection to This Pin Allowed.
13
DGND
Digital Ground.
14
DVDD
Digital Supply (1.8 V).
15
MUTE
Active-Low Mute Request Input Signal.
16
SDA
I2C Data.
17
SCL
I2C Clock.
18
SPDIF_IN5/LRCLK2
External Input to S/PDIF Mux/Left/Right Clock for SRC2 (Default).
19
SPDIF_IN6/BCLK2
External Input to S/PDIF Mux/Bit Clock for SRC2 (Default).
20
DGND
Digital Ground.
21
DVDD
Digital Supply (1.8 V).
22
SDIN0
Serial Data Input 0/SRC Data Input.
23
SDIN1
Serial Data Input 1/SRC Data Input.
24
SDIN2
Serial Data Input 2/SRC Data Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com