Electronic Components Datasheet Search
  English  ▼

X  

LH0091 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0091
Description  LH0091 True RMS to DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0091 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LH0091 Datasheet HTML 1Page - National Semiconductor (TI) LH0091 Datasheet HTML 2Page - National Semiconductor (TI) LH0091 Datasheet HTML 3Page - National Semiconductor (TI) LH0091 Datasheet HTML 4Page - National Semiconductor (TI) LH0091 Datasheet HTML 5Page - National Semiconductor (TI) LH0091 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Op Amp Electrical Characteristics VSeg15V TAe25 C unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Units
VOS
Input Offset Voltage
RSs10 kX
10
10
mV
IOS
Input Offset Current
40
200
nA
IB
Input Bias Current
30
500
nA
RIN
Input Resistance
25
MX
AOL
Large Signal Voltage Gain
VOUTe g10V RLt2kX
15
160
Vmv
VO
Output Voltage Swing
Re10 kX
g
10
g
13
V
VI
Input Voltage Range
g
10
V
CMRR
Common-Mode Rejection Ratio
RSs10 kX
90
dB
PSRR
Supply Voltage Rejection Ratio
RSs10 kX
96
dB
ISC
Output Short-Circuit Current
25
mA
Sr
Slew Rate (Unity Gain)
05
V ms
BW
Small Signal Bandwidth
10
MHz
Typical Performance Characteristics
Error vs Frequency
Error vs Frequency
Error vs Crest Factor
TLH5694 – 3
Typical Applications (All applications require power supply by-pass capacitors)
TLH5694 – 4
CEXTt1mF frequencyt1 kHz
FIGURE 1 LH0091 Basic Connection (No Trim)
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com