Electronic Components Datasheet Search
  English  ▼

X  

LH0091 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0091
Description  LH0091 True RMS to DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0091 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0091 Datasheet HTML 1Page - National Semiconductor (TI) LH0091 Datasheet HTML 2Page - National Semiconductor (TI) LH0091 Datasheet HTML 3Page - National Semiconductor (TI) LH0091 Datasheet HTML 4Page - National Semiconductor (TI) LH0091 Datasheet HTML 5Page - National Semiconductor (TI) LH0091 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
22V
Input Voltage
g
15V peak
Output Short Circuit Duration
Continuous
Operating Temperature Range
TMIN
TMAX
LH0091C
b
25 C85 C
Storage Temperature Range
LH0091C
b
25 Cto a85 C
Lead Temp (Soldering 10 seconds)
260 C
Electrical Characteristics VSeg15V TAe25 C unless otherwise noted
Transfer Function e EO(DC) e
01
T

T
0
EIN2(t) dt
Parameter
Conditions
Min
Typ
Max
Units
ACCURACY (See Definition of Terms)
Total Unadjusted Error
50 mVrmssVINs7Vrms (Figure 1)
20 g05
40 g10
mV %
Total Adjusted Error
50 mVrmssVINs7Vrms (Figure 3)
05 g005
1 g02
mV %
Total Unadjusted Error vs Temperature
b
25 CsTAsa70 C
025 g02%
mV % C
Total Unadjusted Error vs Supply Voltage
1
mVV
AC PERFORMANCE
Frequency for Specified Adjusted Error
Inpute7Vrms Sinewave
(Figure 3)
30
70
kHz
Inpute07Vrms Sinewave
(Figure 3)
40
KHz
Inpute01Vrms Sinewave
(Figure 3)
20
kHz
Frequency for 1% Additional Error
Inpute7Vrms Sinewave
(Figure 3)
100
200
kHz
Inpute07Vrms Sinewave
(Figure 3)
75
kHz
Inpute01Vrms Sinewave
(Figure 3)
50
kHz
Bandwidth (3 dB)
Inpute7Vrms Sinewave
(Figure 3)
2
MHz
Inpute07Vrms Sinewave
(Figure 3)
15
MHz
Inpute01Vrms Sinewave
(Figure 3)
08
MHz
Crest Factor
Rated Adjusted Accuracy Using the High
5
10
Crest Factor Circuit
(Figure 5)
INPUT CHARACTERISTICS
Input Voltage Range
For Rated Performance
g
005
g
11
Vpeak
Input Impedance
45
5
kX
OUTPUT CHARACTERISTICS
Rated Output Voltage
RLt25 kX
10
V
Output Short Circuit Current
22
mA
Output Impedance
1
X
POWER SUPPLY REQUIREMENTS
Operating Range
g
5
g
20
V
Quiescent Current
VSe g15V
14
18
mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com