Electronic Components Datasheet Search
  English  ▼

X  

LH0091 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0091
Description  LH0091 True RMS to DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0091 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LH0091 Datasheet HTML 1Page - National Semiconductor (TI) LH0091 Datasheet HTML 2Page - National Semiconductor (TI) LH0091 Datasheet HTML 3Page - National Semiconductor (TI) LH0091 Datasheet HTML 4Page - National Semiconductor (TI) LH0091 Datasheet HTML 5Page - National Semiconductor (TI) LH0091 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5694
September 1993
LH0091 True RMS to DC Converter
General Description
The LH0091 rms to dc converter generates a dc output
equal to the rms value of any input per the transfer function
EOUT(DC) e
01
T

T
0
EIN2(t) dt
The device provides rms conversion to an accuracy of 01%
of reading using the external trim procedure It is possible to
trim for maximum accuracy (05 mVg005% typ) for decade
ranges ie 10 mV
x100 mV 07Vx7V etc
Features
Y
Low cost
Y
True rms conversion
Y
05% of reading accuracy untrimmed
Y
005% of reading accuracy with external trim
Y
Minimum component count
Y
Input voltage to g15V peak for VSe g15V
Y
Uncommitted amplifier for filtering gain or high crest
factor configuration
Y
Military or commercial temperature range
Block and Connection Diagrams
Dual-In-Line Package
Order Number LH0091CD
See Package D16D
Dual-In-Line Package
TLH5694 – 1
Simplified Schematic
TLH5694 – 2
Note Dotted lines denote external connections
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0091

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
Multifunction Converter
LH0094CD NSC-LH0094CD Datasheet
189Kb / 10P
Multifunction Converter
More results

Similar Description - LH0091

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com