Electronic Components Datasheet Search
  English  ▼

X  

TDA8030 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA8030 Datasheet HTML 45Page - NXP Semiconductors TDA8030 Datasheet HTML 46Page - NXP Semiconductors TDA8030 Datasheet HTML 47Page - NXP Semiconductors TDA8030 Datasheet HTML 48Page - NXP Semiconductors TDA8030 Datasheet HTML 49Page - NXP Semiconductors TDA8030 Datasheet HTML 50Page - NXP Semiconductors TDA8030 Datasheet HTML 51Page - NXP Semiconductors TDA8030 Datasheet HTML 52Page - NXP Semiconductors TDA8030 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
2003 Jul 04
49
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
VOH
HIGH-level output voltage
the I/O is configured as
an output
IOH < −20 µA
0.8VCC
−
VCC + 0.25
V
IOH < −40 µA;
5 and 3 V card
0.75VCC
VCC + 0.25
V
IOH = −10 mA
0
−
0.4
V
VIL
LOW-level input voltage
the I/O is configured as
an input
−0.3
−
+0.8
V
VIH
HIGH-level input voltage
the I/O is configured as
an input
1.5
−
VCC
V
IIL
LOW-level input current on
I/O
VIL =0
−−
500
µA
ILIH
HIGH-level input leakage
current on I/O
VIH =VCC
−−
10
µA
ti(tr)
input transition times
CL ≤ 60 pF; 5 or 3 V
card
−−
1.2
µs
to(tr)
output transition times
CL ≤ 60 pF 5 or 3 V
card
−−
0.1
µs
Rpu
internal pull-up resistance
between I/O and VCC
11
14
17
k
Ω
tW(pu)
width of active pull-up pulse
the I/O is configured as
an 2/fXTAL1 output;
LOW-to-HIGH
transition
2/fXTAL1
−
3/fXTAL1
ns
Ipu
current from I/O when active
pull-up pulse
VOH = 0.9VCC;
CL =60pF
−1
−−
mA
Auxiliary contacts C4/C8; integrated 10 k
Ω pull-up resistor to VCC
Vinact
output voltage inactive
no load
0
−
0.1
V
Iinact =1mA
−−
0.3
V
Iinact
current from I/O when
inactive and pin grounded
−−
−1mA
VOL
LOW-level output voltage
C4 and C8 configured
as an output;
IOL =1mA
0
−
0.3
V
VOH
HIGH-level output voltage
C4 and C8 configured
as an output;
IOH < −40 µA;
5 and 3 V card
0.8VCC
−
VCC + 0.25
V
VIL
LOW-level input voltage
C4 and C8 configured
as an input
−0.3
−
+0.8
V
VIH
HIGH-level input voltage
C4 and C8 configured
as an input
1.5
−
VCC
V
IIL
LOW-level input current
VIL =0
−−
500
µA
ILIH
HIGH-level input leakage
current
VIH =VCC
−−
10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com