Electronic Components Datasheet Search
  English  ▼

X  

TDA8030 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8030 Datasheet HTML 1Page - NXP Semiconductors TDA8030 Datasheet HTML 2Page - NXP Semiconductors TDA8030 Datasheet HTML 3Page - NXP Semiconductors TDA8030 Datasheet HTML 4Page - NXP Semiconductors TDA8030 Datasheet HTML 5Page - NXP Semiconductors TDA8030 Datasheet HTML 6Page - NXP Semiconductors TDA8030 Datasheet HTML 7Page - NXP Semiconductors TDA8030 Datasheet HTML 8Page - NXP Semiconductors TDA8030 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2003 Jul 04
2
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
QUICK REFERENCE DATA
6
BLOCK DIAGRAM
7
PINNING
7.1
TDA8030
7.2
TDA8031
8
FUNCTIONAL DESCRIPTION
8.1
ISO7816 UART AND ASSOCIATED LOGIC
8.1.1
Interface control
8.1.2
Control registers
8.1.3
General registers
8.1.4
ISO UART REGISTERS
8.1.5
CARDS REGISTERS
8.1.6
Registers summary
8.2
SUPPLY
8.2.1
Power switch control
8.2.2
3.3 V regulator
8.2.3
DC-to-DC converter
8.2.4
Supply supervisor
8.3
ISO7816 SECURITY
8.3.1
Introduction
8.3.2
Protections and limitations
8.3.3
Activation sequence
8.3.4
Deactivation sequence
8.4
MICROCONTROLLER
8.4.1
Low power modes
8.5
USB INTERFACE
8.5.1
End-points
8.5.2
Phase-locked loop
8.5.3
Bit clock recovery
8.5.4
Interface signals with the microcontroller
8.5.5
Block diagram
8.5.6
USB registers
8.5.7
Instruction set
8.5.8
Analog interface
8.5.9
Suspend mode
9
LIMITING VALUES
10
THERMAL CHARACTERISTICS
11
CHARACTERISTICS
12
APPLICATION INFORMATION
13
PACKAGE OUTLINE
14
SOLDERING
14.1
Introduction to soldering surface mount
packages
14.2
Reflow soldering
14.3
Wave soldering
14.4
Manual soldering
14.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
15
DATA SHEET STATUS
16
DEFINITIONS
17
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com