Electronic Components Datasheet Search
  English  ▼

X  

TDA8030 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8030 Datasheet HTML 1Page - NXP Semiconductors TDA8030 Datasheet HTML 2Page - NXP Semiconductors TDA8030 Datasheet HTML 3Page - NXP Semiconductors TDA8030 Datasheet HTML 4Page - NXP Semiconductors TDA8030 Datasheet HTML 5Page - NXP Semiconductors TDA8030 Datasheet HTML 6Page - NXP Semiconductors TDA8030 Datasheet HTML 7Page - NXP Semiconductors TDA8030 Datasheet HTML 8Page - NXP Semiconductors TDA8030 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
2003 Jul 04
4
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDU
bus supply voltage
4.2
−
5.5
V
IDDU
bus supply current
VCC =5V; ICC =40mA;
fclk = 6 MHz
−−
100
mA
Isus
suspend current
card inactive; microcontroller in
Power-down mode
−−
500
µA
VCC
card supply voltage
including static load; 5 V card
4.75
5
5.25
V
with dynamic loads on 200 nF
4.60
−
5.40
V
including static loads; 3 V card
2.85
3
3.15
V
with dynamic loads on 200 nF
2.75
−
3.25
V
including static loads; 1.8 V card
1.64
1.8
1.96
V
with dynamic loads on 200 nF
1.62
−
1.98
V
ICC
card supply current
5 V card
−−−55
mA
3 V card
−−−55
mA
1.8 V card
−−−35
mA
Ilim
current limit on VCC
−−
100
mA
Iod
overload detection on VCC
−−
100
mA
Tamb
ambient temperature
−25
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com