Electronic Components Datasheet Search
  English  ▼

X  

NDM2Z-50 Datasheet(PDF) 2 Page - CUI INC

Part # NDM2Z-50
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50 Datasheet(HTML) 2 Page - CUI INC

  NDM2Z-50 Datasheet HTML 1Page - CUI INC NDM2Z-50 Datasheet HTML 2Page - CUI INC NDM2Z-50 Datasheet HTML 3Page - CUI INC NDM2Z-50 Datasheet HTML 4Page - CUI INC NDM2Z-50 Datasheet HTML 5Page - CUI INC NDM2Z-50 Datasheet HTML 6Page - CUI INC NDM2Z-50 Datasheet HTML 7Page - CUI INC NDM2Z-50 Datasheet HTML 8Page - CUI INC NDM2Z-50 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
cui.com
date
12/21/2015
│ page 2 of 32
CUI Inc
│ SERIES: NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
ABSOLUTE MAXIMUM RATINGS
parameter
conditions/description
min
typ
max
units
operating temperature (see
thermal consideration section)
(T
P1, TP2)
-40
125
°C
storage temperature (T
S)
-40
125
°C
input voltage (see operating in-
formation section for input and
output voltage relations)(V
I)
-0.3
16
V
logic I/O voltage
CTRL, SA0, SA1, SALERT, SCL, SDA, VSET, SYNC,
DDC, PG
-0.3
6.5
V
ground voltage differential
-S, PREF, GND
-0.3
0.3
V
analog pin voltage
V
O, +S, VTRK
-0.3
6.5
V
Notes:
Stress in excess of Absolute Maximum Ratings may cause permanent damage. Absolute Maximum Ratings, sometimes referred to as no destruction limits, are
normally tested with one parameter at a time exceeding the limits in the Electrical Specification. If exposed to stress above these limits, function and performance
may degrade in an unspecified manner.
Configuration File
This product is designed with a digital control circuit. The control circuit uses a configuration file which determines the
functionality and performance of the product. The Electrical Specification table shows parameter values of functionality
and performance with the default configuration file, unless otherwise specified. The default configuration file is designed
to fit most application needs with focus on high efficiency. If different characteristics are required it is possible to change
the configuration file to optimize certain performance characteristics. Note that current sharing operation requires changed
configuration file.
PRODUCT ELECTRICAL SPECIFICATION, HORIZONTAL
T
P1 = -30 to +95 °C, VI = 4.5 to 14 V, VI> VO + 1.0 V
Typical values given at: T
P1 = +25 °C, VI = 12.0 V, max IO, unless otherwise specified under conditions.
External C
IN = 470 μF/10 mΩ, COUT = 470 μF/10 mΩ. See Operating Information section for selection of capacitor types.
Sense pins are connected to the output pins.
parameter
conditions/description
min
typ
max
units
input voltage rise time (V
I)
monotonic
2.4
V/ms
output voltage without
pin-strap (V
O)
1.2
V
output voltage adjustment
range (V
O)
0.60
3.3
V
output voltage adjustment
including margining (V
O)
see note 17
0.54
3.63
V
output voltage set-point
resolution (V
O)
±0.025
%FS
output voltage accuracy (V
O)
including line, load, temp see note 14
-1
1
%
current sharing operation see note 15
-2
2
%
internal resistance +S/-S to
VOUT/GND (V
O)
47
Ω
line regulation (V
O)
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
2
2
2
3
mV
mV
mV
mV
load regulation (V
O)
I
O = 0~100%
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
2
2
2
2
mV
mV
mV
mV
output ripple & noise (V
oac)
C
O= 470 μF (minimum external
capacitance) see note 11
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
20
25
30
35
mVp-p
mVp-p
mVp-p
mVp-p
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com