Electronic Components Datasheet Search
  English  ▼

X  

NDM2Z-50 Datasheet(PDF) 13 Page - CUI INC

Part # NDM2Z-50
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50 Datasheet(HTML) 13 Page - CUI INC

Back Button NDM2Z-50 Datasheet HTML 9Page - CUI INC NDM2Z-50 Datasheet HTML 10Page - CUI INC NDM2Z-50 Datasheet HTML 11Page - CUI INC NDM2Z-50 Datasheet HTML 12Page - CUI INC NDM2Z-50 Datasheet HTML 13Page - CUI INC NDM2Z-50 Datasheet HTML 14Page - CUI INC NDM2Z-50 Datasheet HTML 15Page - CUI INC NDM2Z-50 Datasheet HTML 16Page - CUI INC NDM2Z-50 Datasheet HTML 17Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
cui.com
date
12/21/2015
│ page 13 of 32
CUI Inc
│ SERIES: NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION, VERTICAL (CONTINUED)
input standby power (P
CTRL)
turned off with CTRL-pin
default configuration:
monitoring enabled,
precise timing enabled
170
mW
internal input capacitance (C
i)
140
μF
internal output capacitance (C
o)
400
μF
total external output
capacitance (C
OUT)
see note 9
470
30,000
μF
ESR range of capacitors
(per single capacitor) (C
OUT)
see note 9
5
30
mΩ
load transient peak voltage
deviation (L to H/H to L) load
step 25-75-25% of max I
O(Vtr1)
default configuration
di/dt = 2 A/μs C
O = 470
μF (minimum external
capacitance)
see note 12
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
90/300
120/300
160/305
230/315
mV
mV
mV
mV
load transient recovery time
note 5 (L to H/H to L) load step
25-75-25% of max I
O(ttr1)
default configuration
di/dt = 2 A/μs C
O = 470
μF (minimum external
capacitance)
see note 12
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
70/100
100/100
100/100
100/100
μs
μs
μs
μs
switching frequency (f
s)
320
kHz
switching frequency range (f
s)
PMBus configurable
200-640
kHz
switching frequency set-point
accuracy (f
s)
-5
5
%
control circuit PWM duty cycle
5
95
%
minimum sync pulse width
150
ns
input clock frequency drift
tolerance
external clock source
-13
13
%
input under voltage lockout,
UVLO
UVLO threshold
3.85
V
UVLO threshold range
PMBus configurable
3.85-14
V
set point accuracy
-150
150
mV
UVLO hysteresis
0.35
V
UVLO hysteresis range
PMBus configurable
0-10.15
V
delay
2.5
μs
fault response
see note 3
automatic restart, 70 ms
input over voltage protection,
IOVP
IOVP threshold
16
V
IOVP threshold range
PMBus configurable
4.2-16
V
set point accuracy
-150
150
mV
IOVP hysteresis
1
V
IOVP hysteresis range
PMBus configurable
0-11.8
V
delay
2.5
μs
fault response
see note 3
automatic restart, 70 ms
power good, PG, see note 2
PG threshold
90
%V
o
PG hysteresis
5
%V
o
PG delay
see note 19
direct after DLC
ms
PG delay range
PMBus configurable
0-500
s
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com