Electronic Components Datasheet Search
  English  ▼

X  

NDM2Z-50 Datasheet(PDF) 21 Page - CUI INC

Part # NDM2Z-50
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50 Datasheet(HTML) 21 Page - CUI INC

Back Button NDM2Z-50 Datasheet HTML 17Page - CUI INC NDM2Z-50 Datasheet HTML 18Page - CUI INC NDM2Z-50 Datasheet HTML 19Page - CUI INC NDM2Z-50 Datasheet HTML 20Page - CUI INC NDM2Z-50 Datasheet HTML 21Page - CUI INC NDM2Z-50 Datasheet HTML 22Page - CUI INC NDM2Z-50 Datasheet HTML 23Page - CUI INC NDM2Z-50 Datasheet HTML 24Page - CUI INC NDM2Z-50 Datasheet HTML 25Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
cui.com
date
12/21/2015
│ page 21 of 32
CUI Inc
│ SERIES: NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Efficiency vs. Output Current and Switching frequency
Efficiency vs. load current and switching frequency at
TP1 = +25 °C, VI = 12 V, VO = 1.0 V, CO = 470 μF/10 mΩ
Default configuration except changed frequency
Power Dissipation vs. Output Current and Switching frequency
Dissipated power vs. load current and switching frequency at
TP1 = +25 °C, VI = 12 V, VO = 1.0 V, CO = 470 μF/10 mΩ
Default configuration except changed frequency
Output Ripple vs. Switching frequency
Output voltage ripple Vpk-pk at: TP1 = +25 °C, VI = 12 V, CO = 470 μF/10 mΩ,
IO = 50 A resistive load. Default configuration except changed frequency.
Load transient vs. Switching frequency
Load transient peak voltage deviation vs. frequency.
Step-change (12.5-37.5-12.5 A).
TP1 = +25 °C, VI = 12 V, VO =1.0 V, CO = 470 μF/10 mΩ
Load Transient vs. Decoupling Capacitance, VO = 1.0 V
Load transient peak voltage deviation vs. decoupling capacitance.
Step (12.5-37.5-12.5 A). Parallel coupling of capacitors with 470 μF/10 mΩ,
TP1 = +25 °C. VI = 12 V, VO = 1.0 V, fsw = 320 kHz, di/dt = 2 A/μs
Load Transient vs. Decoupling Capacitance, VO = 3.3 V
Load transient peak voltage deviation vs. decoupling capacitance.
Step (12.5-37.5-12.5 A). Parallel coupling of capacitors with 470 μF/10 mΩ,
TP1 = +25 °C. VI = 12 V, VO = 3.3 V, fsw = 320 kHz, di/dt = 2 A/μs
70
75
80
85
90
95
0
10203040
50
[%]
[A]
200
kHz
320
kHz
480
kHz
640
kHz
0
2
4
6
8
10
12
0
10203040
50
[W]
[A]
200
kHz
320
kHz
480
kHz
640
kHz
0
10
20
30
40
50
60
200
300
400
500
600
[mV
pk-pk]
[kHz]
0.6 V
1.0 V
1.8 V
3.3 V
0
100
200
300
400
500
600
200
300
400
500
600
[mV]
[kHz]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
0
100
200
300
400
500
01
23
45
[mV]
[mF]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
0
100
200
300
400
500
01
23
45
[mV]
[mF]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
TYPICAL CHARACTERISTICS
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com