Electronic Components Datasheet Search
  English  ▼

X  

CLC411 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC411
Description  High-Speed Video Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC411 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC411 Datasheet HTML 1Page - National Semiconductor (TI) CLC411 Datasheet HTML 2Page - National Semiconductor (TI) CLC411 Datasheet HTML 3Page - National Semiconductor (TI) CLC411 Datasheet HTML 4Page - National Semiconductor (TI) CLC411 Datasheet HTML 5Page - National Semiconductor (TI) CLC411 Datasheet HTML 6Page - National Semiconductor (TI) CLC411 Datasheet HTML 7Page - National Semiconductor (TI) CLC411 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Description
The CLC411 is a high-speed current-feedback operational
amplifier which operates from ±15V power supplies.
The external supplies (±VCC) are regulated to lower
voltages internally. The amplifier itself sees
approximately ±6.5V rails. Thus the device yields
performance comparable to Comlinear’s ±5V devices,
but with higher supply voltages. There is no degradation
in rated specifications when the CLC411 is operated
from ±12V. A slight reduction in bandwidth will be
observed with ±10V supplies. Operation at less than
±10V is not recommended.
A block diagram of the amplifier and regulator topology
is shown in Figure 2, “CLC411 Equivalent Circuit.” The
regulators derive their reference voltage from an internal
floating zener voltage source. External control of the
zener reference pins can be used to level-shift amplifier
operation which is discussed in detail in the section
entitled “Extending Input/Output Range with Vr.”
Power Supply Decoupling
There are four pins associated with the power supplies.
The VCC pins (4,7) are the external supply voltages. The
Vr pins (5,1) are connected to internal reference nodes.
Figures 1 and 3 , “Recommended Non-inverting Gain
Circuit” and "Recommended Inverting Gain Circuit"
show the recommended supply decoupling scheme
with four ceramic and two electrolytic capacitors. The
ceramic capacitors must be placed immediately adjacent
to the device pins and connected directly to a good
0.01
µF
0.1
µF
0.1
µF
6.8
µF
6.8
µF
0.01
µF
+V
r
-V
r
V
in
+
_
3
2
4
7
8
1
5
6
CLC411
R
in
R
g
R
f
V
out
DIS
+V
cc
-V
cc
0.01
µF
0.1
µF
0.1
µF
6.8
µF
6.8
µF
0.01
µF
+V
r
-V
r
V
in
+
_
3
2
4
7
8
1
5
6
CLC411
25
Ω
R
T
R
g
Select R
T
to yield
R
in =RT||Rg
R
f
V
out
DIS
-V
cc
+V
cc
Figure 3: Recommended
Inverting Gain Circuit
Figure 1: Recommended
Non-inverting Gain Circuit
low-inductance ground plane. Bypassing the Vr pins will
reduce high frequency noise (>10MHz) in the amplifier.
If this noise is not a concern these capacitors may be
eliminated.
Differential Gain and Phase
The differential gain and phase errors of the CLC411
driving one doubly-terminated video load (RL=150
Ω) are
specified and guaranteed in the “Electrical
Characteristics” table. The “Typical Performance” plot,
“Differential Gain and Phase (4.43MHz)” shows the
differential gain and phase performance of the CLC411
when driving from one to four video loads. Application
note OA-08, “Differential Gain and Phase for Composite
Video Systems,” describes in detail the techniques
used to measure differential gain and phase.
Feedback Resistor
The loop gain and frequency response for a current-
feedback operational amplifier is determined largely by
the feedback resistor, Rf. The electrical characteristics
and typical performance plots contained within the
datasheet, unless otherwise stated, specify an Rf of
301
Ω, a gain of +2V/V and operation with ±15V power
supplies. The frequency response at different gain
settings and supply voltages can be optimized by
selecting a different value of Rf. Generally, lowering Rf
will peak the frequency response and extend the
bandwidth while increasing its value will roll off the
response. For unity-gain voltage follower circuits, a
Figure 4: Recommended Rf vs. Gain
Figure 2: CLC411 Equivalent Circuit
17k
Ω
1
7
5
4
3
2
6
17k
Ω
+Vcc
+Vr
Vz
-Vr
-Vcc
+
-
+
-
+
reg
_
reg
http://www.national.com
4
Gain (V/V)
500
400
300
200
100
0
0123
4
5
6
7
89
10
Non-Inverting
Inverting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com