Electronic Components Datasheet Search
  English  ▼

X  

CLC411 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC411
Description  High-Speed Video Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC411 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC411 Datasheet HTML 1Page - National Semiconductor (TI) CLC411 Datasheet HTML 2Page - National Semiconductor (TI) CLC411 Datasheet HTML 3Page - National Semiconductor (TI) CLC411 Datasheet HTML 4Page - National Semiconductor (TI) CLC411 Datasheet HTML 5Page - National Semiconductor (TI) CLC411 Datasheet HTML 6Page - National Semiconductor (TI) CLC411 Datasheet HTML 7Page - National Semiconductor (TI) CLC411 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
CLC411
High-Speed Video Op Amp with Disable
General Description
The CLC411 combines a state-of-the-art complementary bipolar
process with National’s patented current-feedback architecture to
provide a very high-speed op amp operating from ±15V supplies.
Drawing only 11mA quiescent current, the CLC411 provides a
200MHz small signal bandwidth and a 2300V/
µs slew rate while
delivering a continuous 70mA current output with ±4.5V output swing.
The CLC411’s high-speed performance includes a 15ns settling time
to 0.1% (2V step) and a 2.3ns rise and fall time (6V step).
The CLC411 is designed to meet the requirements of professional
broadcast video systems including composite video and high definition
television. The CLC411 exceeds the HDTV standard for gain flatness
to 30MHz with it's ±0.05dB flat frequency response and exceeds
composite video standards with its very low differential gain and
phase errors of 0.02%, 0.03°. The CLC411 is the op amp of choice
for all video systems requiring upward compatibility from NTSC and
PAL to HDTV.
The CLC411 features a very fast disable/enable (10ns/55ns) allowing
the multiplexing of high-speed signals onto an analog bus through the
common output connections of multiple CLC411’s. Using the same
signal source to drive disable/enable pins is easy since “break-
before-make” is guaranteed.
The CLC411 is available in several versions:
CLC411AJP
-40°C to +85°C
8-pin plastic DIP
CLC411AJE
-40°C to +85°C
8-pin plastic SOIC
CLC411A8B
-55°C to +125°C
8-pin hermetic CERDIP,
MIL-STD-883
CLC411AMC
-55°C to +125°C
dice, MIL-STD-883, Level B
DESC SMD number: 5962-94566
June 1999
Features
s
200MHz small signal bandwidth (1V
pp)
s
±0.05dB gain flatness to 30MHz
s
0.02%, 0.03° differential gain, phase
s
2300V/
µs slew rate
s
10ns disable to high-impedance output
s
70mA continuous output current
s
±4.5V output swing into 100
Ω load
s
±4.0V input voltage range
Applications
s
HDTV amplifier
s
Video line driver
s
High-speed analog bus driver
s
Video signal multiplexer
s
DAC output buffer
Pinout
DIP & SOIC
0.01
µF
0.1
µF
0.1
µF
6.8
µF
6.8
µF
0.01
µF
+V
r
-V
r
V
in
+
_
3
2
4
7
8
1
5
6
CLC411
25
R
T
R
g
Select R
T
to yield
R
in
=R
T||R
g
R
f
V
out
DIS
-V
cc
+V
cc
Recommended
Inverting Gain
Configuration
0
Frequency (5MHz/div)
50
Gain Flatness (Av=+2)
-
+
1
2
3
4
DIS
+Vcc
Vout
-Vr
+Vr
Vinv
Vnon-inv
-Vcc
8
7
6
5
© 1999 National SemiconductorCorporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
More results

Similar Description - CLC411

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103 Datasheet
94Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
March 1999
HFA1103 INTERSIL-HFA1103_04 Datasheet
184Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Analog Devices
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com