Electronic Components Datasheet Search
  English  ▼

X  

CLC411 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC411
Description  High-Speed Video Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC411 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC411 Datasheet HTML 1Page - National Semiconductor (TI) CLC411 Datasheet HTML 2Page - National Semiconductor (TI) CLC411 Datasheet HTML 3Page - National Semiconductor (TI) CLC411 Datasheet HTML 4Page - National Semiconductor (TI) CLC411 Datasheet HTML 5Page - National Semiconductor (TI) CLC411 Datasheet HTML 6Page - National Semiconductor (TI) CLC411 Datasheet HTML 7Page - National Semiconductor (TI) CLC411 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
than one volt. Single-ended ECL, Figure 5C, maintains
this desired maximum differential input voltage. TTL
and CMOS have higher Vhigh to Vlow excursions. The
circuit of figure 5D will ensure the voltage applied
between the bases of Q1 and Q2 does not cause
excessive switching delays in the CLC411. Under the
above proscribed four-transistor interface, all variations
were evaluated with approximately 1ns rise and fall
times which produced switching speeds equivalent to
the rated disable/enable switching times found in the
"CLC411 Electrical Characteristics" table.
A general multiplexer configuration using several
CLC411s is illustrated in figure 6, where a typical 8-to-
1 digital mux is used to control the switching operation
of the paralleled CLC411s. Since "break-before-make"
is a guaranteed specification of the CLC411 this
configuration works nicely. Notice the buffers used in
driving the disable pins of the CLC411s. These buffers
may be 15V CMOS logic devices mentioned previously
or any variation of the four-transistor comparator
illustrated above.
Extending Input/Output Range with Vr
As can be seen in Figure 3, the magnitude of the internal
regulated supply voltages is fixed by Vz. In normal
operation, with ±15V external supplies, +Vr is nominally
+9V when left floating. CMIR (common mode input
range) and VO (output voltage range, no load) are
specified under these conditions. These parameters
implicitly have 0V as their midpoint, i.e. the VO range
is ±6V, centered at 0V.
An external voltage source can be applied to +Vr to shift
the range of the input/output voltages. For example, if
it were desired to move the positive VO range from +6V
to a +9V maximum in unipolar operation, Figure 7, “DC
Parameters as a Function of +Vr”, is used to determine
the required supply and +Vr voltages. Referring to
Figure 7, locate the point on the +VOMAX line where the
ordinate is +9V. Draw a vertical line from this point
intersecting the other lines in the graph. The circuit
voltages are the ordinates of these intersections. For
this example these points are shown in the graph as
solid dots. The required voltage sources are +Vr=+12V,
+V
CC=+12V,
-VCC=-12V. When these supply and
reference voltages are applied, the range for VO is -3V
to +9V, and CMIR ranges from -1V to +7V. The difference
between the minimum and maximum voltages is
constant, i.e. 12V for VO, only the midpoint has been
shifted, i.e. from 0V to +3V for VO.
Note that in this example the -Vr pin has been left open
(or bypassed to reduce high-frequency noise). The
difference between +Vr and -Vr is fixed by Vz. A level-
shifting voltage can be applied to only one of the
reference pins, not both. If extended operation were
needed in the negative direction, Figure 4 may be used
by changing the signs, and applying the resultant
negative voltage to the -Vr pin. It is recommended that
+Vr be used for positive shifts, and -Vr for negative
shifts of input/output voltage range.
Printed Circuit Layout & Evaluation Board
Refer to application note OA-15, “Frequent Faux Pas in
Applying Wideband Current Feedback Amplifiers,” for
board layout guidelines and construction techniques. Two
very important points to consider before creating a layout
which are found in the above application note are worth
reiteration. First the input and output pins are sensitive to
parasitic capacitances. These parasitic capacitances
can cause frequency-response peaking or sustained
oscillation. To minimize the adverse effect of parasitic
capacitances, the ground plane should be removed from
those pins to a distance of at least 0.25" Second, leads
should be kept as short as possible in the finished layout.
In particular, the feedback resistor should have its shortest
lead on the inverting input side of the CLC411. The output
is less sensitive to parasitic capacitance and therefore
can drive the longer of the two feedback resistor
connections. The evaluation board available for the CLC411
(part #730013 for through-hole packages, 730027 for SO-
8) may be used as a reference for proper board layout.
Application schematics for this evaluation board are in the
product accessories section of the Comlinear databook.
Figure 7: DC Parameters as a Function of +Vr
51015
-10
-5
20
15
10
5
-5
-10
-15
+V
CCmax
+V
r
+VO
max
-VO
min
V
cm
+
V
cm
_
-V
CCmax
http://www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com