Electronic Components Datasheet Search
  English  ▼

X  

9463 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9463
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9463 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9463 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AWM Specification:
UL Style 2464 (300 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
PMSHA Specification:
P-7K-SC-182141
Customer Part Number Reference Specification:
Allen Bradley P/N 1770-CD
Flame Test
UL Flame Test:
UL1685 UL Loading
Suitability
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum Number:
89463
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
78
Nom. Inductance:
Inductance (µH/ft)
0.12
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
19.7
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
36
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.54
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
9.5
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.1
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
1
0.6
10
2.1
50
5.0
100
7.5
200
11.0
Page 2 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com