Electronic Components Datasheet Search
  English  ▼

X  

9463 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9463
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9463 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9463 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
20 AWG stranded (7x28) .038" tinned copper conductors, polyethylene insulation, Beldfoil® (100%
coverage) plus a tinned copper braid shield (55% coverage), sunlight-resistant PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (in.)
1
20
7x28
TC - Tinned Copper .038
Insulation
Insulation Material:
Insulation Material
PE - Polyethylene
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
2
Braid TC - Tinned Copper
55
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
20
7x28H
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
0.238 in.
Pair
Pair Color Code Chart:
Number Color
1
Clear & Blue
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
36 lbs/1000 ft.
Max. Recommended Pulling Tension:
48 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.500 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2464 (300 V 80°C)
Page 1 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable


Similar Part No. - 9463

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9463 BELDEN-9463 Datasheet
270Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
9463 BELDEN-9463 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
9463.001000 BELDEN-9463.001000 Datasheet
270Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
9463.001829 BELDEN-9463.001829 Datasheet
270Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
9463.0030 BELDEN-9463.0030 Datasheet
270Kb / 3P
Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
More results

Similar Description - 9463

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1345981 ETC2-1345981 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
20 AWG stranded (7x28) TC conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com