Electronic Components Datasheet Search
  English  ▼

X  

9463 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9463
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9463 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9463 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9463 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400
16.0
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2464)
Other Electrical Characteristic 1:
DC Resistance Unbalanced: .77 Ohms/1000 ft Max
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9463 J22U1000
1,000 FT
38.000 LB
BLUE, STRONG
78 OHM TWINAX
9463 J22U500
500 FT
19.500 LB
BLUE, STRONG
78 OHM TWINAX
9463 J22100
100 FT
4.400 LB
BLUE, STRONG
78 OHM TWINAX
9463 J221000
1,000 FT
39.000 LB
BLUE, STRONG
C
78 OHM TWINAX
9463 J22500
500 FT
18.000 LB
BLUE, STRONG
78 OHM TWINAX
9463 J226000
6,000 FT
234.000 LB
BLUE, STRONG
C Z
78 OHM TWINAX
9463 0011000
1,000 FT
39.000 LB
BROWN
78 OHM TWINAX
9463 00110000
10,000 FT
380.000 LB
BROWN
C Z
78 OHM TWINAX
9463 0016000
6,000 FT
234.000 LB
BROWN
C Z
78 OHM TWINAX
9463 0031000
1,000 FT
39.000 LB
ORANGE
C
78 OHM TWINAX
9463 00310000
10,000 FT
380.000 LB
ORANGE
C Z
78 OHM TWINAX
9463 0036000
6,000 FT
234.000 LB
ORANGE
C Z
78 OHM TWINAX
9463 0071000
1,000 FT
39.000 LB
VIOLET
C
00 OHM TWINAX
9463 0076000
6,000 FT
234.000 LB
VIOLET
C Z
78 OHM TWINAX
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 1
Revision Date: 03-07-2008
© 2008 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com