Electronic Components Datasheet Search
  English  ▼

X  

CLC426 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC426
Description  Wideband, Low-Noise, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC426 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC426 Datasheet HTML 1Page - National Semiconductor (TI) CLC426 Datasheet HTML 2Page - National Semiconductor (TI) CLC426 Datasheet HTML 3Page - National Semiconductor (TI) CLC426 Datasheet HTML 4Page - National Semiconductor (TI) CLC426 Datasheet HTML 5Page - National Semiconductor (TI) CLC426 Datasheet HTML 6Page - National Semiconductor (TI) CLC426 Datasheet HTML 7Page - National Semiconductor (TI) CLC426 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Supply Current Adjustment
The CLC426's supply current can be externally adjusted
downward from its nominal value to less than 2mA by
adding an optional resistor (Rp) between pin 8 and the
negative supply as shown in fig 2. The plot labeled "Open-
Loop Gain vs. Supply Current" illustrates the influence
that supply current has over the CLC426's open-loop
response. From the plot it is seen that the CLC426 can be
compensated for unity-gain stability by simply lowering
its supply current. Therefore lowering the CLC426's sup-
ply current effectively reduces its open-loop gain to the
point that there is adequate phase margin at unity gain
crossover. The plot labeled "Supply Current vs. Rp"
provides the means for selecting the value of Rp that
produces the desired supply current. The curve in the plot
represents nominal processing but a ±12% deviation over
process can be expected. The two plots labeled "Voltage
Noise vs. Supply Current" and "Current Noise vs. Supply
Current" illustrate the CLC426 supply current's effect over
its input-referred noise characteristics.
Driving Capacitive Loads
The CLC426 is designed to drive capacitive loads with the
addition of a small series resistor placed between the
output and the load as seen in fig. 3. Two plots located in
the Typical Performance section illustrate this technique
for both frequency domain and time domain applications.
The plot labeled "Frequency Response vs. Capacitive
Load" shows the CLC426's resulting AC response to
various capacitive loads. The values of Rs in this plot
were chosen to maximize the CLC426's AC response
(limited to
≤1dB peaking).
The second plot labeled "Settling Time vs. Capacitive
Load" provides the means for the selection of the value of
Rs which minimizes the CLC426's settling time. As seen
from the plot, for a given capacitive load Rs is chosen from
the curve labeled "Rs". The resulting settling time to
0.05% can then be estimated from the curve labeled "Ts
to 0.05%". The plot of fig. 4 shows the CLC426's pulse
response for various capacitive loads where Rs has been
chosen from the plot labeled "Settling Time vs. Capaci-
tive Load".
Faster Settling
The circuit of fig. 5 shows an alternative method for driving
capacitive loads that results in quicker settling times. The
small series-resistor, Rs, is used to decouple the CLC426's
open-loop output resistance, Rout, from the load capaci-
tance. The small feedback-capacitance, Cf, is used to
provide a high-frequency bypass between the output and
inverting input. The phase lead introduced by Cf compen-
sates for the phase lag due to CL and therefore restores
stability. The following equations provide values of Rs and
Cf for a given load capacitance and closed-loop amplifier
gain.
Eq. 1
Eq. 2
The plot in
fig. 6 shows
the result of the two methods of capacitive load driving
mentioned above while driving a 100pF||1k
Ω load.
Fig. 2
Fig. 4
Fig. 5
Fig. 3
RR
R
R
where R
C
R
R
C
R
R
s
out
f
g
out
f
g
L
out
g
=


≈
=+




;6
1
1
2
Ω
Fig. 6
5
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com