Electronic Components Datasheet Search
  English  ▼

X  

CLC426 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC426
Description  Wideband, Low-Noise, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC426 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC426 Datasheet HTML 1Page - National Semiconductor (TI) CLC426 Datasheet HTML 2Page - National Semiconductor (TI) CLC426 Datasheet HTML 3Page - National Semiconductor (TI) CLC426 Datasheet HTML 4Page - National Semiconductor (TI) CLC426 Datasheet HTML 5Page - National Semiconductor (TI) CLC426 Datasheet HTML 6Page - National Semiconductor (TI) CLC426 Datasheet HTML 7Page - National Semiconductor (TI) CLC426 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CLC426 Electrical Characteristics
CLC426 Electrical Characteristics
CLC426 Electrical Characteristics
CLC426 Electrical Characteristics
CLC426 Electrical Characteristics (V
(V
(V
(V
(VCC
CC
CC
CC
CC =
=
=
=
=
±±±±±5V; A
5V; A
5V; A
5V; A
5V; AVVVVV = +2V/V; R
= +2V/V; R
= +2V/V; R
= +2V/V; R
= +2V/V; Rfffff =100
=100
=100
=100
=100
Ω
Ω
Ω
Ω
Ω; R
; R
; R
; R
; RLLLLL = 100
= 100
= 100
= 100
= 100
Ω
Ω
Ω
Ω
Ω;;;;; unless noted
unless noted
unless noted
unless noted
unless noted
)))))
A)J-level: spec is 100% tested at +25°C.
1) Minimum stable gain with out external compensation is +2 or
-1V/V, the CLC426 is unity-gain stable with external
compensation.
2) Output is short circuit protected to ground, however maximum
reliability is obtained if output current does not exceed 160mA.
3) See text for compensation techniques.
http://www.national.com
2
supply voltage
±7V
short circuit current
(note 2)
common-mode input voltage
±Vcc
differential input voltage
±10V
maximum junction temperature
+150°C
storage temperature
-65°C to+150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating
2000V
Absolute Maximum Ratings
Notes
PARAMETERS
PARAMETERS
PARAMETERS
PARAMETERS
PARAMETERS
CONDITIONS
CONDITIONS
CONDITIONS
CONDITIONS
CONDITIONS
TYP
TYP
TYP
TYP
TYP
MIN/MAX RATINGS
MIN/MAX RATINGS
MIN/MAX RATINGS
MIN/MAX RATINGS
MIN/MAX RATINGS
UNITS
UNITS
UNITS
UNITS
UNITS
NOTES
NOTES
NOTES
NOTES
NOTES
Ambient Temperature
CLC426
+25°C
+25°C
0 to +70°C -40 to +85°C
FREQUENCY DOMAIN RESPONSE
gain bandwidth product
Vout < 0.5Vpp
230
170
120
100
MHz
-3dB bandwidth, Av=+2
V
out < 0.5Vpp
130
90
70
55
MHz
1
Vout < 5.0Vpp
50
25
22
20
MHz
gain flatness
Vout < 0.5Vpp
peaking
DC to 200MHz
0.6
1.5
2.2
2.5
dB
rolloff
DC to 30MHz
0.0
0.6
1.0
1.0
dB
linear phase deviation
DC to 30MHz
0.2
1.0
1.5
1.5
°
TIME DOMAIN RESPONSE
rise and fall time
1V step
2.3
3.5
5.0
6.5
ns
settling time
2V step to 0.05%
16
20
24
24
ns
overshoot
1V step
5
15
15
18
%
slew rate
5V step
400
300
275
250
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1V
pp,10MHz
- 62
- 52
- 47
- 45
dBc
3rd harmonic distortion
1Vpp,10MHz
- 68
- 58
- 54
- 54
dBc
equivalent input noise
op amp only
voltage
1MHz to 100MHz
1.6
2.0
2.3
2.6
nV/
√Hz
current
1MHz to 100MHz
2.0
3.0
3.6
4.6
pA/
√Hz
STATIC DC PERFORMANCE
open-loop gain
DC
64
60
54
54
dB
input offset voltage
1.0
2.0
2.8
2.8
mV
A
average drift
3
---
10
10
µV/°C
input bias current
5
25
40
65
µAA
average drift
90
---
600
700
nA/
°C
input offset current
0.3
3
5
5
µAA
average drift
5
---
25
50
nA/
°C
power-supply rejection ratio
DC
73
65
60
60
dB
common-mode rejection ratio
DC
70
62
57
57
dB
supply current
pin #8 open, RL=
∞
11
12
13
15
mA
A
MISCELLANEOUS PERFORMANCE
input resistance
common-mode
500
250
125
125
k
Ω
differential-mode
750
200
50
25
k
Ω
input capacitance
common-mode
2.0
3.0
3.0
3.0
pF
differential-mode
2.0
3.0
3.0
3.0
pF
output resistance
closed loop
0.07
0.1
0.2
0.2
Ω
output voltage range
RL=
∞
± 3.8
± 3.5
± 3.3
± 3.3
V
R
L=100
Ω
± 3.5
± 3.2
± 2.6
± 1.3
V
input voltage range
common mode
± 3.7
± 3.5
± 3.3
± 3.3
V
output current
± 70
± 50
± 40
+ 35, -20
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Model
Temperature Range
Description
CLC426AJP
-40°C to +85°C
8-pin PDIP
CLC426AJE
-40°C to +85°C
8-pin SOIC
CLC426A8B
-55°C to +125°C
8-pin CerDIP, MIL-STD-883
Ordering Information
Package
θθθθθ
JC
θθθθθ
JA
Plastic (AJP)
70°C/W
125°C/W
Surface Mount (AJE)
60°C/W
140°C/W
CerDIP
40°C/W
130°C/W
Package Thermal Resistance
Transistor Count
52
Reliability Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com