Electronic Components Datasheet Search
  English  ▼

X  

CLC426 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC426
Description  Wideband, Low-Noise, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC426 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC426 Datasheet HTML 1Page - National Semiconductor (TI) CLC426 Datasheet HTML 2Page - National Semiconductor (TI) CLC426 Datasheet HTML 3Page - National Semiconductor (TI) CLC426 Datasheet HTML 4Page - National Semiconductor (TI) CLC426 Datasheet HTML 5Page - National Semiconductor (TI) CLC426 Datasheet HTML 6Page - National Semiconductor (TI) CLC426 Datasheet HTML 7Page - National Semiconductor (TI) CLC426 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
CLC426
Wideband, Low-Noise, Voltage Feedback Op Amp
General Description
The CLC426 combines an enhanced voltage-feedback architecture
with an advanced complementary bipolar process to provide a
high-speed op amp with very low noise (1.6nV/
√Hz&2.0pA/√Hz)and
distortion (-62/-68dBc 2nd/3rd harmonics at 1Vpp and 10MHz).
Providing a wide 230MHz gain-bandwidth product, a fast 400V/
µs
slew rate and very quick 16ns settling time to 0.05% , the CLC426 is
the ideal choice for high speed applications requiring a very wide-
dynamic range such as an input buffer for high-resolution analog-to-
digital converters.
The CLC426 is internally compensated for gains
≥ 2V/V and can
easily be externally compensated for unity-gain stability in applications
such as wideband low-noise integrators. The CLC426 is also equipped
with external supply current adjustment which allows the user to
optimize power, bandwidth, noise and distortion performance for each
application.
The CLC426's combination of speed, low noise and distortion and low
dc errors will allow high-speed signal conditioning applications to
achieve the highest signal-to-noise performance. To reduce design
times and assist board layout, the CLC426 is supported by an
evaluation board and SPICE simulation model available from National.
For even higher gain-bandwidth voltage-feedback op amps see the
1.9GHz CLC425 (Av
≥ 10V/V) or the 5.0GHz CLC422 (A
v
≥ 30V/V).
June 1999
Features
s
Wide gain-bandwidth product: 230MHz
s
Ultra-low input voltage noise: 1.6nV/
√Hz
s
Very low harmonic distortion: -62/-68dBc
s
Fast slew rate: 400V/
µs
s
Adjustable supply current
s
Dual ±2.5 to ±5V or single 5 to 12V supplies
s
Externally compensatable
Applications
s
Active filters & integrators
s
Ultrasound
s
Low-power portable video
s
ADC/DAC buffer
s
Wide dynamic range amp
s
Differential amps
s
Pulse/RF amp
Wide Dynamic Range
Sallen-Key Band Pass Filter
2nd-Order
(20MHz, Q=10, G=2)
1
2
3
4
NC
Vinv
Vnon-inv
-Vcc
Rp (optional)
+Vcc
Vout
Ext. Comp.
(optional)
8
7
6
5
-
+
Pinout
DIP & SOIC
Typical Application
© 1999 National SemiconductorCorporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC426

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE NSC-CLC420AJE Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE-TR13 NSC-CLC420AJE-TR13 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJP NSC-CLC420AJP Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC423 NSC-CLC423 Datasheet
131Kb / 8P
Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
More results

Similar Description - CLC426

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
ULTRA LOW NOISE WIDEBAND OP AMP
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
Ultra Low Noise Wideband Op Amp
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com