Electronic Components Datasheet Search
  English  ▼

X  

RT1650WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 11Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 12Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 13Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 14Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
11
Typical Operating Characteristics
System Efficiency
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
Output Power (W)
WPC A10 Tx
Rectifier Efficiency
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
Output Power (W)
WPC A10 Tx
Receiver Efficiency
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
Output Power (W)
WPC A10 Tx
Rectifier Voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
0.00 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50
Output Current (A)
Rising
Falling
Output Voltage vs. Output Current
4.994
4.996
4.998
5.000
5.002
5.004
5.006
5.008
5.010
0.00 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50
Output Current (A)
Time ( xx
μs/Div)
Start-Up without Loading
Time (500ms/Div)
VRECT
(2V/Div)
VOUT
(2V/Div)
IOUT
(500mA/Div)
IOUT = 0A, WPC A10 Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com