Electronic Components Datasheet Search
  English  ▼

X  

RT1650WSC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT1650WSC
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 12Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 13Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 14Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 15Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 16Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 17Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1650-00
July
2015
16
Memory) is primarily used to save non-volatile user
setting data and part of MTP store internal factory
setting. User firmware can control some of chip
hardware behavior via peripheral registers. It also could
be an interface to communicate with external I2C via
the registers.
ROM / OTP
32 KB
Peripheral
Register
SRAM
1 KB
MTP
272B
0x0000_0000
0x0000_7FFF
0x2000_0000
0x2000_03FF
0x4000_0000
0x4000_01FF
0x5000_0000
0x5000_1FFF
reserved
reserved
reserved
Code
SRAM
Peripheral
Figure 3. Memory Map
Programmable Dynamic Rectifier Voltage Control
The RT1650 provides a programmable Dynamic
Rectifier Voltage Control function to optimize the
transient
response
and
power
efficiency
for
applications. Table 1 and Figure 4 show an example to
summarize how the rectifier behavior is dynamically
adjusted based the registers VRECT_SETx[7:0] (x = 1 to
4), which are available to be programmed by users.
Table 1. Dynamic Rectifier Voltage Setting
Output Current, IOUT
Rectifier Voltage Target
< IOUT_TH1
VRECT_SET1
IOUT_TH1 to IOUT_TH2
VRECT_SET2
IOUT_TH2 to IOUT_TH3
VRECT_SET3
> IOUT_TH3
VRECT_SET4
VRECT_SET1
UVLO
If Ext. Charger w/ DPM
(ex. VDPM = 4.9V)
VRECT Tracking Stop Above
UVLO
I (A)
VOUT
VRECT
Dynamic Operation
Area
Overloading
Operation Area
OTP Triggered
IOUT_TH1
IOUT_LIMIT
VRECT_SET2
VRECT_SET3
VRECT_SET4
IOUT_TH2
IOUT_TH3
Figure 4. Dynamic Rectifier Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com