Electronic Components Datasheet Search
  English  ▼

X  

CLC428 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC428
Description  Dual Wideband, Low-Noise, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC428 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC428 Datasheet HTML 1Page - National Semiconductor (TI) CLC428 Datasheet HTML 2Page - National Semiconductor (TI) CLC428 Datasheet HTML 3Page - National Semiconductor (TI) CLC428 Datasheet HTML 4Page - National Semiconductor (TI) CLC428 Datasheet HTML 5Page - National Semiconductor (TI) CLC428 Datasheet HTML 6Page - National Semiconductor (TI) CLC428 Datasheet HTML 7Page - National Semiconductor (TI) CLC428 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Delay Circuit (All-Pass Network)
The circuit in Figure 1 implements an all-pass network using
the CLC428. A wide bandwidth buffer (CLC111) drives the
circuit and provides a high input impedence for the source.
As shown in Figure 2, the circuit provides a
Figure 1
Figure 2
13.1ns delay (with R =40.2
Ω, C=47pF). Rf and Rg should
be of equal and low value for parasitic insensitive opera-
tion. The circuit gain is +1 and the delay is determined by
the following equations.
τ
delay
d
RC
T
=+
22
ch
Eq. 1
T
d
df
d =
1
360
φ
;
Eq. 2
where Td is the delay of the op amp at AV=+1. The CLC428
provides a typical delay of 2.8ns at its -3dB point.
Full Duplex Digital or Analog Transmission
Simultaneous transmission and reception of analog or
digital signals over a single coaxial cable or twisted-pair
line can reduce cabling requirements. The CLC428's wide
bandwidth and high common-mode rejection in a differen-
tial amplifier configuration allows full duplex transmission
of video, telephone, control and audio signals.
In the circuit shown in Figure 3, one of the CLC428's amps
is used as a "driver" and the other as a difference
"receiver" amplifier. The output impedance of the "driver"
is essentially zero. The two R's are chosen to match the
characteristic impedance of the transmission line. The
"driver" op amp gain can be selected for unity or greater.
Receiver amplifier A2 (B2) is connected across R and
forms differential amplifier for the signals transmitted by
driver A1 (B1). If the coax cable is lossless and Rf equals
Rg, receiver A2 (B2) will then reject the signals from driver
Figure 3
A1 (B1) and pass the signals from driver B1 (A1). The
output of the receiver amplifier will be:
VV
R
R
V
R
R
out
in
f
g
in
f
g
AB
AB
BA
ej
af
a f
=−
F
HGG
I
KJJ
++
F
HGG
I
KJJ
1
2
1
1
2
1
Eq. 3
Care must be given to layout and component placement to
maintain a high frequency common-mode rejection. The
plot of Figure 4 shows the simultaneous reception of
signals transmitted at 1MHz and 10MHz.
Figure 4
Five Decade Integrator
A composite integrator, as shown in Figure 5, uses the
CLC428 dual op amp to increase the circuits' usable
frequency range of operation. The transfer function of this
circuit is:
V
1
RC
Vdt
o
in
=
z
Eq. 4
Figure 5
A resistive divider made from the 143
Ω and 60.4Ω
resistors was chosen to reduce the loop-gain and stabilize
the network. The CLC428 composite integrator provides
integration over five decades of operation. R and C set the
integrator's gain. Figure 6 shows the frequency and phase
response of the circuit in Figure 5 with R = 44.2
Ω and
C = 360pF.
5
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com