Electronic Components Datasheet Search
  English  ▼

X  

CLC431 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC431
Description  Dual Wideband Monolithic Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC431 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC431 Datasheet HTML 1Page - National Semiconductor (TI) CLC431 Datasheet HTML 2Page - National Semiconductor (TI) CLC431 Datasheet HTML 3Page - National Semiconductor (TI) CLC431 Datasheet HTML 4Page - National Semiconductor (TI) CLC431 Datasheet HTML 5Page - National Semiconductor (TI) CLC431 Datasheet HTML 6Page - National Semiconductor (TI) CLC431 Datasheet HTML 7Page - National Semiconductor (TI) CLC431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
Typical Performance plots are valid for both devices
under the specified conditions. Generally, lowering Rf
from its recommended value will peak the frequency
response and extend the bandwidth while increasing its
value will roll off the response. Reducing the value of Rf
too far below its recommended value will cause overshoot,
ringing and eventually oscillation. For more information
see Application Note OA-20 and OA-13.
In order to optimize the devices' frequency and phase
response for gains other than +2V/V it is recommended
to adjust the value of the feedback resistor. The two plots
found in the Typical Performance section entitled
"Recommended Rf vs. Gain" provide the means of
selecting the feedback-resistor value that optimizes
frequency and phase response over the CLC431/
CLC432's gain range. Both plots show the value of Rf
approaching a nonzero minimum at high non-inverting
gains, which is characteristic of current-feedback op
amps and yields best results. The linear portion of the
two Rf vs. Inverting-gain curves results from the limitation
placed on Rg (i.e. Rg
≥ 50Ω) in order to maintain an
adequate input impedance for the inverting configuration.
It should be noted that for stable operation a non-
inverting gain of +1 requires an Rf equal to 1k
Ω for both
the CLC431 and the CLC432.
CLC431 Disable Feature
The CLC431 disable feature can be operated either
single-endedly or differentially thereby accommodating a
wide range of logic families. There are three pins asso-
ciated with the disable feature of each of the CLC431's
two amplifiers: DIS DIS and V
RTTL
,
(please see pinout on
Introduction
The CLC431 and the CLC432 are dual wideband current-
feedback op amps that operate from single (+10V to
+33V) or dual (±5V to ±16.5) power supplies. The
CLC431 is equipped with a disable feature and is offered
in 14-pin DIP and SOIC packages. The CLC432 is
packaged in a standard 8-pin dual pinout and is offered
in an 8-pin DIP and SOIC. Evaluation boards are available
for each version of both devices. The evaluation boards
can assist in the device and/or application evaluation and
were used to generate the typical device performance
plots on the preceding pages.
Each of the CLC431/CLC432's dual channels provide
closely matched DC & AC electrical performance
characteristics making them ideal choices for wideband
signal processing. The CLC431, with its disable feature,
can easily be configured as a 2:1 mux or several can be
used to form a 10:1 mux without performance degradation.
The two closely-matched channels of the CLC432 can be
combined to form composite circuits for such applications
as filter blocks, integrators, transimpedance amplifiers
and differential line drivers and receivers.
Feedback Resistor Selection
The loop gain and frequency response for a current-
feedback operational amplifier is determined largely by
the feedback resistor (Rf). Package parasitics also
influence ac response. Since the package parasitics of
the CLC431 and the CLC432 are different, the optimum
frequency and phase responses are obtained with different
values of feedback resistor (for AV=+2; CLC431: Rf=866
Ω,
CLC432: Rf=750
Ω). The Electrical Characteristics and
Application Discussion



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com