Electronic Components Datasheet Search
  English  ▼

X  

CLC431 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC431
Description  Dual Wideband Monolithic Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC431 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC431 Datasheet HTML 1Page - National Semiconductor (TI) CLC431 Datasheet HTML 2Page - National Semiconductor (TI) CLC431 Datasheet HTML 3Page - National Semiconductor (TI) CLC431 Datasheet HTML 4Page - National Semiconductor (TI) CLC431 Datasheet HTML 5Page - National Semiconductor (TI) CLC431 Datasheet HTML 6Page - National Semiconductor (TI) CLC431 Datasheet HTML 7Page - National Semiconductor (TI) CLC431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fig. 2 illustrates the differential mode of the CLC431's
disable feature for ECL-type logic. In order for this mode
to operate properly, V
RTTL must be left floating while DIS
and DIS are to be connected directly to the ECL gate as
illustrated. Applying a differential logic "high" (DIS - DIS
0.4Volts) switches the tail current of the differential pair
from Q2 to Q1 and results in the
disabling of that CLC431
channel. Alternatively, applying a differential logic "low"
(DIS - DIS
-0.4Volts) switches the tail current of the
differential pair from Q1 to Q2 and results in the
enabling
of that same channel. The internal clamp, mentioned
above, also protects against excessive differential volt-
ages up to 30Volts while limiting input currents to <3mA.
DC Performance
A current-feedback amplifier’s input stage does not have
equal nor correlated bias currents, therefore they cannot
be cancelled and each contributes to the total DC offset
voltage at the output by the following equation:
The input resistor Rs is that resistance seen when looking
from the non-inverting input back towards the source. For
inverting DC-offset calculations, the source resistance
seen by the input resistor Rg must be included in the
output offset calculation as a part of the non-inverting
gain equation. Application note OA-7 gives several circuits
for DC offset correction.
Layout Considerations
It is recommended that the decoupling capacitors (0.1
µF
ceramic and 6.8
µF electrolytic) should be placed as close
as possible to the power supply pins to insure a proper
high-frequency low impedance bypass. Careful attention
to circuit board layout is also necessary for best
performance. Of particular importance is the control of
parasitic capacitances (to ground) at the output and
invering input pins. See CLC431/432 Evaluation Board
literature for more information.
Applications Circuits
2:1 Video Mux (CLC431)
Fig. 3 illustrates the connections necessary to configure
the CLC431 as a 2:1 multiplexer in a 75
Ω system. Each
of the two CLC431's amplifiers is configured with a non-
inverting gain of +2V/V using 634
Ω feedback (R
f) and
gain-setting (Rg) resistors. The feedback resistor value is
lower than that recommended in order to compensate for
the reduction of loop-gain that results from the inclusion
of the 50
Ω resistor (R
i) in the feedback loop. This 50
resistor serves to isolate the output of the active channel
from the impedance of the inactive channel yet does not
affect the low output impedance of the active channel.
Notice that for proper operation V
RTTL 1(pin 13) is grounded
and V
RTTL 2 (pin 9) is unconnected. The pins associated
with the disable feature are to be connected as follows:
DIS1 and DIS2 (pins 3 & 10) are connected together as
well as
DIS2 and DIS1 (pins 5 & 12). Channel 1 is
selected with the application of a logic "low" to SELECT
while a logic "high" selects Channel 2.
front page). Also note that both amplifiers are guaranteed
to be enabled if all three of these pins are unconnected.
Fig. 1 illustrates the single-ended mode of the CLC431's
disable feature for logic families such as TTL and CMOS.
In order to operate properly, V
RTTL must be grounded,
thereby biasing DIS to approximately +1.4V through the
two internal series diodes. For single-ended operation,
DIS
should be left floating. Applying a TTL or CMOS logic
"high" (i.e. >2.0Volts) to DIS will switch the tail current of
the differential pair to Q1 and "shut down" Q2 which
results in the
disabling of that channel of the CLC431.
Alternatively, applying a logic "low" (i.e. <0.8Volts) to DIS
will switch the tail current from Q1 to Q2 effectively
enabling that channel. If DIS is left floating under single-
ended operation, then the associated amplifier is guaran-
teed to be
disabled.
The disable feature of the CLC431 is such that DIS and
DIS
have common-mode input voltage ranges of (+VCC)
to (-VCC+3V) and are so guaranteed over the commercial
temperature range. Internal clamps (not shown) protect
the DIS input from excessive input voltages that could
otherwise cause damage to the device. This condition
occurs when enough source current flows into the node
so as to allow DIS to rise to VCC. This clamp is activated
once DIS exceeds DIS by 1.5Volts and guarantees that
VDIS (ground referenced) does not exceed 4.7Volts.
VRTTL
+VCC
+VCC
+VCC
DIS
DIS
Vnon-inv
Vinv
Vout
½CLC431
100k
100k
Q1
Q2
TTL
CMOS
+
-
Fig. 1
VI
R
R
R
V
R
R
IR
offset
bn
s
f
g
io
f
g
bi
f
+

 ++

 +∗
11
5
http://www.national.com
VRTTL
+VCC
+VCC
+VCC
DIS
DIS
100k
100k
Q1
Q2
ECL
510
-5V
-5V
510
Vnon-inv
Vinv
Vout
½CLC431
+
-
Fig. 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com