Electronic Components Datasheet Search
  English  ▼

X  

CLC431 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC431
Description  Dual Wideband Monolithic Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC431 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC431 Datasheet HTML 1Page - National Semiconductor (TI) CLC431 Datasheet HTML 2Page - National Semiconductor (TI) CLC431 Datasheet HTML 3Page - National Semiconductor (TI) CLC431 Datasheet HTML 4Page - National Semiconductor (TI) CLC431 Datasheet HTML 5Page - National Semiconductor (TI) CLC431 Datasheet HTML 6Page - National Semiconductor (TI) CLC431 Datasheet HTML 7Page - National Semiconductor (TI) CLC431 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
CLC431/432
Dual Wideband Monolithic Op Amp with Disable
General Description
The CLC431 and CLC432 current-feedback amplifiers provide wide
bandwidths and high slew rates for applications where board density
and power are key considerations. These amplifiers provide DC-
coupled small signal bandwidths exceeding 92MHz while consuming
only 7mA per channel. Operating from ±15V supplies, the CLC431/
432’s enhanced slew rate circuitry delivers large-signal bandwidths
with output voltage swings up to 28Vpp. A wide range of bandwidth-
insensitive gains are made possible by virtue of the CLC431 and
CLC432’s current-feedback topology.
The large common-mode input range and fast settling time (70ns
to 0.05%) make these amplifiers well suited for CCD & data
telecommunication applications. The disable of the CLC431 can
accommodate ECL or TTL logic levels or a wide range of user
definable inputs. With its fast enable/disable time (0.2
µs/1µs) and
high channel isolation of 70dB at 10MHz, the CLC431 can easily be
configured as a 2:1 MUX. Many high performance video applications
requiring signal gain and/or switching will be satisfied with the
CLC431/432 due to their very low differential gain and phase errors
(less than 0.1% and 0.1°; Av = +2V/V at 4.43MHz into 150Ω load).
Quick 8ns rise and fall times on 10V pulses allow the CLC431/432 to
drive either twisted pair or coaxial transmission lines over long
distances.
The CLC431/432's combination of low input voltage noise, wide
common-mode input voltage range and large output voltage swings
make them especially well suited for wide dynamic range signal
processing applications.
June 1999
Features
s
Wide bandwidth: 92MHz (A
V=+1)
62MHz (Av=+2)
s
Fast slew rate: 2000V/
µs
s
Fast disable: 1
µs to high-Z output
s
High channel isolation: 70dB at 10MHz
s
Single or dual supplies: ±5V to ±16.5V
Applications
s
Video signal multiplexing
s
Twisted-pair differential driver
s
CCD buffer & level shifting
s
Discrete gain-select amplifier
s
Transimpedance amplifier
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
1Vpp @ 5MHz
Rf
Channel 1 (Gain = 2)
Channel 2 (Gain = 5)
Rf
Ri
Ri
Rs
RL
Rg
Rg
Vout
SELECT
½CLC431
½CLC431
50
50
50
50
50
50
500
500
500
125
Typical Application
Discrete Gain Select Amplifier
-
+
-
+
1
2
3
4
Vout1
Vinv1
Vnon-inv1
-Vcc
+Vcc
Vout2
Vinv2
Vnon-inv2
8
7
6
5
Vinv1
Vnon-inv1
DIS1
-Vcc
DIS2
Vnon-inv2
Vinv2
Vout1
VR
TTL1
DIS1
+Vcc
DIS2
VR
TTL2
Vout2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CLC432
CLC431
Pinout
PDIP & SOIC


Similar Part No. - CLC431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC430 NSC-CLC430 Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430A8B NSC-CLC430A8B Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430AJE NSC-CLC430AJE Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430AJP NSC-CLC430AJP Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
More results

Similar Description - CLC431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com