Electronic Components Datasheet Search
  English  ▼

X  

QID3320004 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # QID3320004
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320004 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  QID3320004 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QID3320004
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
6
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/14 Rev. 6
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
COLLECTOR EMITTER VOLTAGE, V
CES, (VOLTS)
500
400
300
200
100
0
2000
1000
3000
0
REVERSE BIAS SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
VGE = ±15V
RG(off) = 50Ω
Tj = 150°C
4000
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
500
400
300
200
100
0
2000
1000
3000
0
FREE-WHEEL DIODE
REVERSE RECOVERY SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
di/dt = 1kA/µs
Tj = 150°C
4000
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
1.2
1.0
10-1
10-2
10-3
100
101
0.8
0.6
0.4
0.2
0
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.060°C/W
(IGBT)
Rth(j-c) =
0.096°C/W
(FWDi)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com