Electronic Components Datasheet Search
  English  ▼

X  

QID3320004 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QID3320004
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320004 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QID3320004 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual IGBT
HVIGBT Module
200 Amperes/3300 Volts
1
11/14 Rev. 6
QID3320004
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Outline Drawing and Circuit Diagram
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
Dimensions
Inches
Millimeters
A
5.51
140.0
B
2.87
73.0
C
1.50
38.0
D
4.88±0.01
124.0±0.25
E
2.24±0.01
57.0±0.25
F
1.18
30.0
G
0.43
11.0
H
1.07
27.15
J
0.20
5.0
K
1.65
42.0
Description:
Powerex HVIGBTs feature highly
insulating housings that offer
enhanced protection by means of
greater creepage and strike clear-
ance distance for many demanding
applications like medium voltage
drives and auxiliary traction
applications.
Features:
-40 to 150°C Extended
Temperature Range
100% Dynamic Tested
100% Partial Discharge Tested
Advanced Mitsubishi R-Series
Chip Technology
Aluminum Nitride (AlN) Ceramic
Substrate for Low Thermal
Impedance
Complementary Line-up in
Expanding Current Ranges to
Mitsubishi HVIGBT Power
Modules
Copper Baseplate
Creepage and Clearance Meet
IEC 60077-1
Rugged SWSOA and RRSOA
UL Recognized (E78240)
Applications:
High Voltage Power Supplies
Medium Voltage Drives
Motor Drives
Traction
Dimensions
Inches
Millimeters
L
0.69±0.01
17.5±0.25
M
0.38
9.75
N
0.20
5.0
P
0.22
5.5
Q
1.04
26.5
R
0.16
4.0
S
M5 Metric
M5
T
0.63 Min.
16.0 Min.
U
0.11 x 0.02
2.8 x 0.5
V
0.28 Dia.
7.0 Dia.
3
2
1
N
J (2TYP)
S NUTS
(3TYP)
H
H
V (4TYP)
M
G (3TYP)
R (DEEP)
E
B
K
(3TYP)
L
(2TYP)
P
U (5TYP)
T
(SCREWING
DEPTH - 3 TYP)
Q
F
F
D
A
C
1
2
3
4
5
6
7
8


Similar Part No. - QID3320004

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
More results

Similar Description - QID3320004

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM200HG-130H POWEREX-CM200HG-130H Datasheet
583Kb / 5P
Single IGBTMOD HVIGBT Module 200 Amperes/6500 Volts
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3340001 POWEREX-QID3340001 Datasheet
504Kb / 6P
Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
QID6508001 POWEREX-QID6508001 Datasheet
592Kb / 7P
Dual IGBT HVIGBT Module 85 Amperes/6500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com