Electronic Components Datasheet Search
  English  ▼

X  

TDA8926 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8926
Description  Power stage 2 x 50 W class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8926 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8926 Datasheet HTML 4Page - NXP Semiconductors TDA8926 Datasheet HTML 5Page - NXP Semiconductors TDA8926 Datasheet HTML 6Page - NXP Semiconductors TDA8926 Datasheet HTML 7Page - NXP Semiconductors TDA8926 Datasheet HTML 8Page - NXP Semiconductors TDA8926 Datasheet HTML 9Page - NXP Semiconductors TDA8926 Datasheet HTML 10Page - NXP Semiconductors TDA8926 Datasheet HTML 11Page - NXP Semiconductors TDA8926 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2002 Oct 10
8
Philips Semiconductors
Preliminary specification
Power stage 2
× 50 W class-D audio
amplifier
TDA8926
8.3
BTL operation
BTL operation can be achieved by driving the audio input
channels of the controller in the opposite phase and by
connecting the loudspeaker with a BTL output filter
between the two outputs (pins OUT1 and OUT2) of the
power stage (see Fig.4).
In this way the system operates as a mono BTL amplifier
and with the same loudspeaker impedance a four times
higher output power can be obtained.
For more information see Chapter 15.
MGU385
handbook, full pagewidth
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
TDA8926J
TEMPERATURE SENSOR
AND
CURRENT PROTECTION
DRIVER
LOW
temp
current
4
7
VSS1
VSS1 VSS2
VDD2
6
1
2
9
810
VDD2 VDD1
13
5
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
DRIVER
LOW
14
11
12
17
16
3
15
EN1
DIAG
REL1
SW1
SW2
REL2
POWERUP
EN2
BOOT1
OUT1
STAB
OUT2
BOOT2
SGND
(0 V)
Fig.4 Mono BTL application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com