Electronic Components Datasheet Search
  English  ▼

X  

TDA8926 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8926
Description  Power stage 2 x 50 W class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8926 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8926 Datasheet HTML 9Page - NXP Semiconductors TDA8926 Datasheet HTML 10Page - NXP Semiconductors TDA8926 Datasheet HTML 11Page - NXP Semiconductors TDA8926 Datasheet HTML 12Page - NXP Semiconductors TDA8926 Datasheet HTML 13Page - NXP Semiconductors TDA8926 Datasheet HTML 14Page - NXP Semiconductors TDA8926 Datasheet HTML 15Page - NXP Semiconductors TDA8926 Datasheet HTML 16Page - NXP Semiconductors TDA8926 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2002 Oct 10
13
Philips Semiconductors
Preliminary specification
Power stage 2
× 50 W class-D audio
amplifier
TDA8926
handbook, full pagewidth
MGW145
PWM
output
(V)
VDD
VSS
0 V
tblank
tf
tr
1/fosc
100 ns
VSTAB
VSS
VSW
(V)
tPD
VSTAB
VSS
VREL
(V)
Fig.5 Timing diagram PWM output, switch and release signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com