Electronic Components Datasheet Search
  English  ▼

X  

TDA8926 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8926
Description  Power stage 2 x 50 W class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8926 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8926 Datasheet HTML 14Page - NXP Semiconductors TDA8926 Datasheet HTML 15Page - NXP Semiconductors TDA8926 Datasheet HTML 16Page - NXP Semiconductors TDA8926 Datasheet HTML 17Page - NXP Semiconductors TDA8926 Datasheet HTML 18Page - NXP Semiconductors TDA8926 Datasheet HTML 19Page - NXP Semiconductors TDA8926 Datasheet HTML 20Page - NXP Semiconductors TDA8926 Datasheet HTML 21Page - NXP Semiconductors TDA8926 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
2002 Oct 10
18
Philips Semiconductors
Preliminary specification
Power stage 2
× 50 W class-D audio
amplifier
TDA8926
15.5
Reference design bill of material
Table 1
Two-chip class-D audio amplifier PCB (Version 2.1; 03-2001) for TDA8926J and TDA8929T (see
Figs 7 and 8)
COMPONENT
DESCRIPTION
VALUE
COMMENTS
In1 and In2
Cinch input connectors
2
× Farnell: 152-396
Out1, Out2, VDD,
GND and VSS
supply/output connectors
2
× Augat 5KEV-02;
1
× Augat 5KEV-03
S1
on/mute/off switch
PCB switch Knitter ATE 1 E M-O-M
U1
power stage IC
TDA8926J/27J
DBS17P package
U2
controller IC
TDA8929T
SO24 package
L2 and L4
demodulation filter coils
33
µH2 × Sumida CDRH127-330
L5, L6 and L7
power supply ferrite beads
3
× Murata BL01RN1-A62
C1 and C2
supply decoupling capacitors for
VDD to VSS of the controller
220 nF/63 V
2
× SMD1206
C3
clock decoupling capacitor
220 nF/63 V
SMD1206
C4
12 V decoupling capacitor of the
controller
220 nF/63 V
SMD1206
C5
12 V decoupling capacitor of the power
stage
220 nF/63 V
SMD1206
C6 and C7
supply decoupling capacitors for
VDD to VSS of the power stage
220 nF/63 V
SMD1206
C8 and C9
bootstrap capacitors
15 nF/50 V
2
× SMD0805
C10, C11,
C12 and C13
snubber capacitors
560 pF/100 V
4
× SMD0805
C14 and C16
demodulation filter capacitors
470 nF/63 V
2
× MKT
C15 and C17
resonance suppress capacitors
220 nF/63 V
2
× SMD1206
C18, C19,
C20 and C21
common mode HF coupling capacitors
1 nF/50 V
4
× SMD0805
C22 and C23
input filter capacitors
330 pF/50 V
2
× SMD1206
C24, C25,
C26 and C27
input capacitors
470 nF/63 V
4
× MKT
C28, C29,
C30 and C31
common mode HF coupling capacitors
1 nF/50 V
2
× SMD0805
C32 and C33
power supply decoupling capacitors
220 nF/63 V
2
× SMD1206
C34 and C35
power supply electrolytic capacitors
1500
µF/35 V
2
× Rubycon ZL very low ESR (large
switching currents)
C36, C37,
C38 and C39
analog supply decoupling capacitors
220 nF/63 V
4
× SMD1206
C40 and C41
analog supply electrolytic capacitors
47
µF/35 V
2
× Rubycon ZA low ESR
C43
diagnostic capacitor
180 pF/50 V
SMD1206
C44
mode capacitor
220 nF/63 V
SMD1206
D1
5.6 V Zener diode
BZX79C5V6
DO-35
D2
7.5 V Zener diode
BZX79C7V5
DO-35
R1
clock adjustment resistor
27 k
Ω
SMD1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com