Electronic Components Datasheet Search
  English  ▼

X  

SM8205 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # SM8205
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

SM8205 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

Back Button SM8205 Datasheet HTML 2Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 3Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 4Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 5Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 6Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 7Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 8Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 9Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 10Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SM8205
www.samhop.com.tw
Rev. 2.0 @ 2011/10
6
10% to 90%
90% to 10%
FPWM=1KHz
TYPICAL OPERATION CHARACTERISTIC
Test Conditions:VIN=12V, CVCC=10uF, CVDD=1.0uF, RT=910K, TA=25℃,Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com