Electronic Components Datasheet Search
  English  ▼

X  

SM8205 Datasheet(PDF) 11 Page - M.S. Kennedy Corporation

Part # SM8205
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

SM8205 Datasheet(HTML) 11 Page - M.S. Kennedy Corporation

Back Button SM8205 Datasheet HTML 5Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 6Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 7Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 8Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 9Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 10Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 11Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 12Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 13Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SM8205
LED Short-Circuit Protection
The LED short-circuit condition is indicated by FAULT.
At start-up, a monoshot circuit (triggered by the POR
circuit), reset an internal SR flip-flop, which causes
FAULT to go high, and remains high during normal
operation. This also allows the GATE driver to function
normally. The steady state current is reflected in the
reference voltage connected to the transconductance
amplifier. The instantaneous output current is sensed
from FDBK terminal of the op-amp. The short-circuit
threshold current is internally set to 200% of the steady
state current. During short-circuit condition, when the
current exceeds the internally set threshold, the SR flip-
flop is set and FAULT goes low. Meanwhile, the GATE
driver of the power MOSFET is inhibited, providing a
latching protection. The converter can be reset by
cycling the input voltage for operating again.
Current Sense Filter
CS
RCS
GATE
SM8205
D1
CIN
Parasitic circuit capacitance, inductance and gate driver
current create a spike in the current sense voltage at the
point where Q1 turns on. In order to prevent this spike
from terminal the on-time prematurely, every circuit
should have a low-pass filter that consists of RF and CF,
shown in figure 4. The time constant of this filter should
be long enough to reduce the parasitic spike without
significantly affecting the shape of the actual current
sense voltage. The recommended range for RF is
between 10Ω and 500Ω, and CF is between 100pF and
2.2nF.
Figure 4. Adding a low-pass filter to prevent
premature triggering
RF
CF
Q1
VIN
Thermal Shutdown
Internal thermal shutdown circuitry is provided to protect
the SM8205 in the event that the maximum junction
temperature is exceeded. When activated, typically at
140℃, the controller is forced to disable the output
GATE and FAULT drivers in low-state. After the
temperature is reduced (typical hysteresis is 25℃) the
gate driver will be re-enabled.
11
www.samhop.com.tw
Rev. 2.0 @ 2011/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com