Electronic Components Datasheet Search
  English  ▼

X  

SM8205 Datasheet(PDF) 13 Page - M.S. Kennedy Corporation

Part # SM8205
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

SM8205 Datasheet(HTML) 13 Page - M.S. Kennedy Corporation

Back Button SM8205 Datasheet HTML 5Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 6Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 7Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 8Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 9Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 10Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 11Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 12Page - M.S. Kennedy Corporation SM8205 Datasheet HTML 13Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PACKAGE DIMENSIONS
SM8205 16 PIN SOP
SM8205
13
www.samhop.com.tw
Rev. 2.0 @ 2011/10
16
9
1
8
E
X
Y
C1
C2
D
B
e
A
A1
C
L
H
RECOMMENDED LAND PATTERN
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
A1
B
C
D
E
e
H
L
θ°
X
Y
C1
C2
θ°
0.0532
0.0688
1.35
1.75
0.0040
0.0096
0.10
0.25
0.013
0.020
0.33
0.51
0.0075
0.0096
0.19
0.25
0.3859
0.3937
9.80
10.00
0.1497
0.1574
3.80
4.00
0.2284
0.2440
5.80
6.20
0.050 BSC.
1.27 BSC.
0.016
0°
0.050
8°
0.40
0°
1.27
8°
0.0236
0.60
0.0590
1.50
0.2125
5.4
0.0499
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com