Electronic Components Datasheet Search
  English  ▼

X  

STM4417 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # STM4417
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

STM4417 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  STM4417 Datasheet HTML 1Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 2Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 3Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 4Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 5Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 6Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ver 1.0
www.samhop.com.tw
Apr,24,2013
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(W)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
STM4417
Crss
Coss
Ciss
4200
3500
2800
2100
1400
700
0
10
15
20
25
30
0
5
60
50
40
30
20
10
0
2
4
6
8
10
0
ID=-5A
25 C
125 C
75 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
75 C
125 C
10
8
6
4
2
0
VDS=-20V
ID=-5A
1
10
100
1
10
100
1000
VDS=-20V,ID=-1A
VGS=-10V
Tf
TD(on)
Tr
0.1
1
10
40
10
1
0.1
0.03
100
TD(off)
VGS=-10V
Single Pulse
TA=25 C
DC
10s
1s
100m
s
10m
s
1ms
100u
s
R D
S (O
N)
Lim
it
0
64
56
48
40
32
24
16
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com