Electronic Components Datasheet Search
  English  ▼

X  

STM4417 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # STM4417
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

STM4417 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  STM4417 Datasheet HTML 1Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 2Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 3Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 4Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 5Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 6Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STM4417
www.samhop.com.tw
Apr,24,2013
6
PACKAGE OUTLINE DIMENSIONS
Ver 1.0
SO-8
SYMBOLS
MIN
MIN
0.004
0.189
0°
1.35
0.10
1.25
0.17
4.80
3.70
0°
MAX
MAX
0.069
0.010
0.064
0.010
0.197
0.157
8°
1.75
0.25
1.63
0.25
5.00
4.00
8°
MILLIMETERS
INCHES
1
E
D
A
A1
b
e
H
L
h X 45
O
A
A1
A2
C
D
E
e
H
L
h
1.27 REF.
5.80
6.20
0.40
1.27
0.25
0.50
0.050 BSC
0.228
0.244
0.010
A2
C
b
0.020
0.31
0.51
0.053
0.049
0.012
0.007
0.146
0.016
0.050
0.020



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com