Electronic Components Datasheet Search
  English  ▼

X  

STM4417 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # STM4417
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

STM4417 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  STM4417 Datasheet HTML 1Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 2Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 3Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 4Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 5Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 6Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
STM4417
50
°C/W
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (mW) Max
-40V
-10A
19 @ VGS=-4.5V
14 @ VGS=-10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
P-Channel Enhancement Mode Field Effect Transistor
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Apr,24,2013
1
Details are subject to change without notice.
S O-8
1
a
Ver 1.0
Green
Product
4
3
2
1
D
D
D
D
G
S
S
5
6
7
8
S
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
-40
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed b
A
TA=25°C
W
PD
°C
-55 to 150
TA=25°C
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
TA=70°C
A
EAS
mJ
Single Pulse Avalanche Energy d
TA=70°C
W
a
a
56
-10
-56
2.5
-8
1.6
e


Similar Part No. - STM4417

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4417 SAMHOP-STM4417 Datasheet
1Mb / 7P
P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - STM4417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com