Electronic Components Datasheet Search
  English  ▼

X  

ECP200 Datasheet(PDF) 5 Page - EIC discrete Semiconductors

Part # ECP200
Description  2.0 WATT POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ECP200 Datasheet(HTML) 5 Page - EIC discrete Semiconductors

  ECP200 Datasheet HTML 1Page - EIC discrete Semiconductors ECP200 Datasheet HTML 2Page - EIC discrete Semiconductors ECP200 Datasheet HTML 3Page - EIC discrete Semiconductors ECP200 Datasheet HTML 4Page - EIC discrete Semiconductors ECP200 Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EiC Corp. A Subsidiary of EiC Enterprises, Ltd.
45738 Northport Loop West, Fremont, CA 94538
Phone: (510) 979-8999
Fax: (510) 979-8902
www.eiccorp.com
5
Revision A
SS-000536-000
ECP200
2.0 WATT POWER AMPLIFIER
PRELIMINARY DATA SHEET
Evaluation Board Bill of Material (4X4)
2
2
C1, C2
100pF CAPACITOR, 0603
ROHM MCH185A101JK
NOTE1
1
1
C3
10.0uF CAPACITOR, 2512
PANASONIC ECS-H1CC106R
NOTE1
3
3
C4, C7, C13
18pF
CAPACITOR, 0603
ROHM MCH185A180JK
NOTE1
3
3
C5, C8, C14 1000pF CAPACITOR, 0603
ROHM MCH185C102KK
NOTE1
3
3
C9, C6, C15
1.0uF
CAPACITOR, 0603
PANASONIC ECJ-1VF1A105Z
NOTE1
--
1
INPUT 4|5
C16
3pF
CAPACITOR, 0603
ROHM MCH185A020CK
NOTE1
1--
INPUT 6
C16
2.7pF
CAPACITOR, 0603
ROHM MCH185A2R7CK
NOTE1
--
1
OUTPUT 2
C17
3.9pF
CAPACITOR, 0603
ROHM MCH185A3R9CK
NOTE1
1--
OUTPUT 1|2
C17
3.9pF
CAPACITOR, 0603
ROHM MCH185A3R9CK
NOTE1
1
OUTPUT 4
C18
1.5pF
CAPACITOR, 0603
ROHM MCH185A1R5CK
NOTE1
1--
OUTPUT 5
C18
1.5pF
CAPACITOR, 0603
ROHM MCH185A1R5CK
NOTE1
11
R1
0
Ω
RESISTOR, 0603
ROHM MCR03EZHJ000
NOTE1
1
1
L1
15 nH
INDUCTOR, 0805
CTLL 2012-15N
NOTE1
2
2
J2, J3
---
SMA CONNECTOR EF JOHNSON 142-0701-881
NOTE1
1
1
J1
---
RT ANG. CONN.
SULLINS ELEC PZC04SGAN
1
1
---
IC, ECP200D (4X4) EiC Corp
1
1
---
PCB (4X4)
EiC Corp 60-000523-000B
Location
(See eval
brd. Layout)
DESIG.
VALUE
DESCRIPTION
MANUFACTURER & P/N
Evaluation Board Layout
C3
C1
R1
J1
Gnd
L1
Vcc
C2
J2
9
RFin
4
6
7
5
3
U1
1
7
6
5
4
3
2
J3
9
RFout
C6
C5
C4
Vpd
C15
C14
C13
2
8
8
1
60-000523-000B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com