Electronic Components Datasheet Search
  English  ▼

X  

DSP56362AD Datasheet(PDF) 61 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 61 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 57Page - Motorola, Inc DSP56362AD Datasheet HTML 58Page - Motorola, Inc DSP56362AD Datasheet HTML 59Page - Motorola, Inc DSP56362AD Datasheet HTML 60Page - Motorola, Inc DSP56362AD Datasheet HTML 61Page - Motorola, Inc DSP56362AD Datasheet HTML 62Page - Motorola, Inc DSP56362AD Datasheet HTML 63Page - Motorola, Inc DSP56362AD Datasheet HTML 64Page - Motorola, Inc DSP56362AD Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
Specifications
External Memory Expansion Port (Port A)
MOTOROLA
DSP56362 Advance Information
2-23
Table 2-9 DRAM Page Mode Timings, One Wait State
(Low-Power Applications)1, 2, 3
No.
Characteristics
Symbol
Expression
20 MHz6
30 MHz6
Unit
Min
Max
Min
Max
131
Page mode cycle time for
two consecutive accesses of
the same direction
tPC
2
× TC
100.0
—
66.7
—
ns
Page mode cycle time for
mixed (read and write)
accesses.
1.25 x Tc
62.5
—
41.7
—
132 CAS assertion to data valid
(read)
tCAC
TC − 7.5
—
42.5
—
25.8
ns
133 Column address valid to
data valid (read)
tAA
1.5
× TC − 7.5
—
67.5
—
42.5
ns
134 CAS deassertion to data not
valid (read hold time)
tOFF
0.0
—
0.0
—
ns
135 Last CAS assertion to RAS
deassertion
tRSH
0.75
× TC − 4.0 33.5
—
21.0
—
ns
136 Previous CAS deassertion to
RAS deassertion
tRHCP
2
× TC − 4.0
96.0
—
62.7
—
ns
137 CAS assertion pulse width
tCAS
0.75
× TC − 4.0 33.5
—
21.0
—
ns
138
Last CAS deassertion to
RAS deassertion4
tCRP
ns
• BRW[1:0] = 00
1.75
× TC − 6.0 81.5
—
52.3
—
• BRW[1:0] = 01
3.25
× TC − 6.0 156.5
—
102.2
—
• BRW[1:0] = 10
4.25
× TC − 6.0 206.5
—
135.5
—
• BRW[1:0] = 11
6.25
× TC – 6.0 306.5
—
202.1
—
139 CAS deassertion pulse width
tCP
0.5
× TC − 4.0
21.0
—
12.7
—
ns
140 Column address valid to
CAS assertion
tASC
0.5
× TC − 4.0
21.0
—
12.7
—
ns
141 CAS assertion to column
address not valid
tCAH
0.75
× TC − 4.0 33.5
—
21.0
—
ns
142 Last column address valid to
RAS deassertion
tRAL
2
× TC − 4.0
96.0
—
62.7
—
ns
143 WR deassertion to CAS
assertion
tRCS
0.75
× TC − 3.8 33.7
—
21.2
—
ns
144 CAS deassertion to WR
assertion
tRCH
0.25
× TC − 3.7
8.8
—
4.6
—
ns
145 CAS assertion to WR
deassertion
tWCH
0.5
× TC − 4.2
20.8
—
12.5
—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com