Electronic Components Datasheet Search
  English  ▼

X  

DSP56362AD Datasheet(PDF) 73 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 73 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 69Page - Motorola, Inc DSP56362AD Datasheet HTML 70Page - Motorola, Inc DSP56362AD Datasheet HTML 71Page - Motorola, Inc DSP56362AD Datasheet HTML 72Page - Motorola, Inc DSP56362AD Datasheet HTML 73Page - Motorola, Inc DSP56362AD Datasheet HTML 74Page - Motorola, Inc DSP56362AD Datasheet HTML 75Page - Motorola, Inc DSP56362AD Datasheet HTML 76Page - Motorola, Inc DSP56362AD Datasheet HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 168 page
background image
Specifications
External Memory Expansion Port (Port A)
MOTOROLA
DSP56362 Advance Information
2-35
Table 2-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2
No.
Characteristics4
Symbol
Expression3
80 MHz
Unit
Min Max
157 Random read or write cycle time
tRC
9
× TC
112.
5
—ns
158 RAS assertion to data valid (read)
tRAC
4.75
× TC − 6.5
52.9
ns
159 CAS assertion to data valid (read)
tCAC
2.25
× TC − 6.5
—
21.6
ns
160 Column address valid to data valid (read)
tAA
3
× TC − 6.5
—
31.0
ns
161 CAS deassertion to data not valid (read
hold time)
tOFF
0.0
—
ns
162 RAS deassertion to RAS assertion
tRP
3.25
× TC − 4.0 36.6 —
ns
163 RAS assertion pulse width
tRAS
5.75
× TC − 4.0 67.9 —
ns
164 CAS assertion to RAS deassertion
tRSH
3.25
× TC − 4.0 36.6 —
ns
165 RAS assertion to CAS deassertion
tCSH
4.75
× TC − 4.0 55.4 —
ns
166 CAS assertion pulse width
tCAS
2.25
× TC − 4.0 24.1 —
ns
167 RAS assertion to CAS assertion
tRCD
2.5
× TC ± 2
29.3 33.3
ns
168 RAS assertion to column address valid
tRAD
1.75
× TC ± 2
19.9 23.9
ns
169 CAS deassertion to RAS assertion
tCRP
4.25
× TC − 4.0 49.1 —
ns
170 CAS deassertion pulse width
tCP
2.75
× TC − 4.0 30.4 —
ns
171 Row address valid to RAS assertion
tASR
3.25
× TC − 4.0 36.6 —
ns
172 RAS assertion to row address not valid
tRAH
1.75
× TC − 4.0 17.9 —
ns
173 Column address valid to CAS assertion
tASC
0.75
× TC − 4.0 5.4
—
ns
174 CAS assertion to column address not valid
tCAH
3.25
× TC − 4.0 36.6 —
ns
175 RAS assertion to column address not valid
tAR
5.75
× TC − 4.0 67.9 —
ns
176 Column address valid to RAS deassertion
tRAL
4
× TC − 4.0
46.0
—
ns
177 WR deassertion to CAS assertion
tRCS
2
× TC − 3.8
21.2
—
ns
178 CAS deassertion to WR5 assertion
tRCH
1.25
× TC − 3.7 11.9 —
ns
179 RAS deassertion to WR5 assertion
tRRH
0.25
× TC − 3.0 0.1
—
ns
180 CAS assertion to WR deassertion
tWCH
3
× TC − 4.2
33.3
—
ns
181 RAS assertion to WR deassertion
tWCR
5.5
× TC − 4.2 64.6 —
ns
182 WR assertion pulse width
tWP
8.5
× TC − 4.5
101.
8
—ns
183 WR assertion to RAS deassertion
tRWL
8.75
× TC − 4.3
105.
1
—ns
184 WR assertion to CAS deassertion
tCWL
7.75
× TC − 4.3 92.6 —
ns
185 Data valid to CAS assertion (write)
tDS
4.75
× TC − 4.0 55.4 —
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com