Electronic Components Datasheet Search
  English  ▼

X  

DSP56362AD Datasheet(PDF) 89 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 89 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 85Page - Motorola, Inc DSP56362AD Datasheet HTML 86Page - Motorola, Inc DSP56362AD Datasheet HTML 87Page - Motorola, Inc DSP56362AD Datasheet HTML 88Page - Motorola, Inc DSP56362AD Datasheet HTML 89Page - Motorola, Inc DSP56362AD Datasheet HTML 90Page - Motorola, Inc DSP56362AD Datasheet HTML 91Page - Motorola, Inc DSP56362AD Datasheet HTML 92Page - Motorola, Inc DSP56362AD Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
Specifications
Parallel Host Interface (HDI08) Timing
MOTOROLA
DSP56362 Advance Information
2-51
PARALLEL HOST INTERFACE (HDI08) TIMING
Table 2-20 Host Interface (HDI08) Timing1, 2
No.
Characteristics3
Expression
100 MHz
Unit
Min Max
317 Read data strobe assertion width
4
HACK read assertion width
TC + 9.9
19.9
—
ns
318 Read data strobe deassertion width
4
HACK read deassertion width
—9.9
—
ns
319
Read data strobe deassertion width4 after “Last
Data Register” reads5,6, or between two
consecutive CVR, ICR, or ISR reads7
HACK deassertion width after “Last Data
Register” reads5,6
2.5
× TC + 6.6 31.6 —
ns
320 Write data strobe assertion width
8
HACK write assertion width
—13.2
—
ns
321
Write data strobe deassertion width8
HACK write deassertion width
• after ICR, CVR and “Last Data Register”
writes5
2.5
× TC + 6.6
31.6
—
ns
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
after TXL:TXM writes (with HBE=1)
•
16.5
—
322 HAS assertion width
—9.9
—
ns
323
HAS deassertion to data strobe assertion9
—0.0
—
ns
324
Host data input setup time before write data
strobe deassertion8
Host data input setup time before HACK write
deassertion
—9.9
—
ns
325
Host data input hold time after write data strobe
deassertion8
Host data input hold time after HACK write
deassertion
—3.3
—
ns
326
Read data strobe assertion to output data active
from high impedance4
HACK read assertion to output data active from
high impedance
—3.3
—
ns
327 Read data strobe assertion to output data valid
4
HACK read assertion to output data valid
——
24.2
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com