Electronic Components Datasheet Search
  English  ▼

X  

CLC5526 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5526
Description  Digital Variable Gain Amplifier (DVGA)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5526 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5526 Datasheet HTML 1Page - National Semiconductor (TI) CLC5526 Datasheet HTML 2Page - National Semiconductor (TI) CLC5526 Datasheet HTML 3Page - National Semiconductor (TI) CLC5526 Datasheet HTML 4Page - National Semiconductor (TI) CLC5526 Datasheet HTML 5Page - National Semiconductor (TI) CLC5526 Datasheet HTML 6Page - National Semiconductor (TI) CLC5526 Datasheet HTML 7Page - National Semiconductor (TI) CLC5526 Datasheet HTML 8Page - National Semiconductor (TI) CLC5526 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
CC)
−0.5V to +6V
Differential Voltage between any
Two Grounds
<200 mV
Analog Input Voltage Range
−0.5V to +V
CC
Digital Input Voltage Range
−0.5V to +V
CC
Output Short Circuit Duration
(one-pin to ground)
Infinite
Junction Temperature
175˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
Recommended Operating
Conditions
Positive Supply Voltage (V
CC)
+5V ±5%
Differential Voltage between any
Two Grounds
<10 mV
Analog Input Voltage Range, AC
Coupled
±0.5V
Operating Temperature Range
−40˚C to +85˚C
Package Thermal Resistance
Package
θ
JA
θ
JC
20-Pin SSOP
90˚C/W
38˚C/W
Reliability Information
Transistor Count
300
Electrical Characteristics
The following specifications apply for V
CC = +5V, RL = 1kΩ maximum gain setting. Boldface limits apply for TA = Tmin =
−40˚C to T
max = +85˚C, all other limits TA = 25˚C (Notes 2, 3, 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
BW
Small-Signal Bandwidth
350
MHz
NOISE AND DISTORTION
2nd Harmonic Distortion
f
IN = 150 MHz, 1 VPP
53
67
dBc
f
IN = 250 MHz, 1 VPP
64
dBc
f
IN = 150 MHz, 2 VPP
43
62
dBc
f
IN = 250 MHz, 2 VPP
58
dBc
3rd Harmonic Distortion
f
IN = 150 MHz, 1 VPP
53
71
dBc
f
IN = 250 MHz, 1 VPP
70
dBc
f
IN = 150 MHz, 2 VPP
43
57
dBc
f
IN = 250 MHz, 2 VPP
56
dBc
IMD
Two Tone Intermodulation
Distortion
f
1 = 149.9 MHz, f2 = 150.1 MHz,
1V
PP Composite
64
dBc
f
1 = 149.9 MHz, f2 = 150.1 MHz,
2V
PP Composite
61
dBc
f
1 = 249.9 MHz, f2 = 250.1 MHz,
1V
PP Composite
63
dBc
f
1 = 249.9 MHz, f2 = 250.1 MHz,
2V
PP Composite
54
dBc
Two Tone, 3rd Order
Intermodulation
150 MHz
24.5
dBm
Thermal Noise
Minimum Gain Setting
2.2
nV/
√Hz
Maximum Gain Setting
2.5
nV/
√Hz
Noise Figure
Maximum Gain Setting
9.3
dB
ANALOG I/O
Differential Input Impedance
200
Ω
Differential Output Impedance
600
Ω
Input Signal Level (AC Coupled)
Maximum Gain
126
mV
Maximum Input Signal Level
Recommended
6
V
PP
Maximum Output Signal Level
Recommended
4
V
PP
Output Clipping
8V
PP
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com