Electronic Components Datasheet Search
  English  ▼

X  

CLC5526 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5526
Description  Digital Variable Gain Amplifier (DVGA)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5526 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5526 Datasheet HTML 2Page - National Semiconductor (TI) CLC5526 Datasheet HTML 3Page - National Semiconductor (TI) CLC5526 Datasheet HTML 4Page - National Semiconductor (TI) CLC5526 Datasheet HTML 5Page - National Semiconductor (TI) CLC5526 Datasheet HTML 6Page - National Semiconductor (TI) CLC5526 Datasheet HTML 7Page - National Semiconductor (TI) CLC5526 Datasheet HTML 8Page - National Semiconductor (TI) CLC5526 Datasheet HTML 9Page - National Semiconductor (TI) CLC5526 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications
DESCRIPTION
The CLC5526 is a digitally programmable, variable gain am-
plifier with the following features:
•
8 gain settings ranging from −12 to +30 dB in 6 dB steps
•
Differential inputs and outputs (externally AC coupled)
•
Self biased input common-mode voltage
•
3-bit parallel digital control
•
Single +5V supply
•
Low-Power standby mode
Please refer to
Figure 1 for a representative block diagram.
GAIN SELECTION
Gain levels can be decreased from the maximum value in −6
dB steps via the 3-bit digital inputs.
Table 1 shows the gain
selection truth table for a 1000
Ω differential load.
TABLE 1. Gain Selection Truth Table
Gain Word
MSB
ISB
LSB
Gain (dB)
0
0
0
0
−12
10
0
1
−6
20
1
0
0
30
1
1
+6
4
1
0
0
+12
5
1
0
1
+18
6
1
1
0
+24
7
1
1
1
+30
Gain settings can be calculated as follows:
GAIN = −12 dB + (Gain Word) * 6.02 dB
Gain selection has two modes: Transparent or latched, de-
pending on the LATCH input. If the LATCH input is held
LOW, then the device is in the transparent mode. Changes
on data inputs will result in direct changes to the gain setting.
Input data will be latched upon the LOW to HIGH transition of
LATCH. While LATCH is HIGH, digital data will be ignored
until LATCH is strobed low again.
Note: Upon power-up the analog inputs are disconnected
from the internal amplifier. LATCH will need to be strobed
LOW before an analog output will be present!
DIFFERENTIAL I/O CONSIDERATIONS
Analog inputs and outputs need to be AC coupled to prevent
DC loading of the common-mode voltages. If driving the
CLC5526 from a single-ended 50
Ω source is required, a 1:2
transformer should be used to generate the differential in-
puts. As the differential input impedance of the CLC5526 is
200
Ω, the 1:4 impedance ratio will allow for optimum match-
ing to the 50
Ω source. The secondary outputs of the trans-
former should be AC coupled to the CLC5526 analog inputs,
while the secondary center tap of the transformer should be
directly connected to the system ground.
The CLC5526 is designed to drive differential circuits, such
as the CLC5956 Analog to Digital convertor.
Figure 2 below
shows a typical application of the CLC5526.
DRIVING LOADS
Actual gain of the CLC5526 will vary with the output load.
The device is designed to provide +30 dB maximum gain
with a 1000
Ω differential load.
Each output of the CLC5526 contains an internal 300
Ω re-
sistor to the V
CC rail. Actual gain calculations need to take
this in account with a given external load resistor. The effec-
tive load resistance can be used with the following equation
to calculate max gain values.
A
V = 20 log (0.0843*Rleff)
Where: R
leff = Rint || Rext(diff)
R
int = 600Ω differential
Chart 1 below shows maximum gain values over output load.
Resistor values are for differential loads.
Stray capacitance at the output, along with the output load
value will form a pole, which can degrade the CLC5526
bandwidth. For a narrow-band application this problem can
be alleviated by using a tuned load, which will incorporate
DS015016-16
FIGURE 1. CLC5526 Block Diagram
DS015016-17
FIGURE 2. Differential I/O Connections
DS015016-18
Chart 1: Maximum Gain vs R
LOAD
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com