Electronic Components Datasheet Search
  English  ▼

X  

CLC5526 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5526
Description  Digital Variable Gain Amplifier (DVGA)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5526 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5526 Datasheet HTML 1Page - National Semiconductor (TI) CLC5526 Datasheet HTML 2Page - National Semiconductor (TI) CLC5526 Datasheet HTML 3Page - National Semiconductor (TI) CLC5526 Datasheet HTML 4Page - National Semiconductor (TI) CLC5526 Datasheet HTML 5Page - National Semiconductor (TI) CLC5526 Datasheet HTML 6Page - National Semiconductor (TI) CLC5526 Datasheet HTML 7Page - National Semiconductor (TI) CLC5526 Datasheet HTML 8Page - National Semiconductor (TI) CLC5526 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC5526
Digital Variable Gain Amplifier (DVGA)
General Description
The CLC5526 is a high performance, digitally controlled,
variable-gain amplifier (DVGA). It has been designed for use
in a broad range of mixed signal and digital communication
applications such as mobile radio, cellular base stations and
back-channel modems where automatic-gain-control (AGC)
is required to increase system dynamic range.
The CLC5526 has differential input and output, allowing
large signal swings on a single 5V rail. The input impedance
is 200
Ω. The differential output impedance is 600Ω and is
designed to drivea1k
Ω differential load. The output ampli-
fier
has
excellent
intermodulation
performance.
The
CLC5526 is designed to accept signals from RF elements
and maintain a terminated impedance environment.
The CLC5526 maintains a 350 MHz bandwidth over its en-
tire gain and attenuation range from +30 dB to −12 dB. Inter-
nal clamping ensures very fast overdrive recovery. Two tone
intermodulation distortion is excellent: at 150 MHz, 1 V
pp it is
−64 dBc.
Input signals to the CLC5526 are scaled by an accurate, dif-
ferential R-2R resistive ladder with an input impedance of
200
Ω. A scaled version of the input is selected under digital
control and passed to the internal amplifier. The input com-
mon mode level is set at 2.4V via a bandgap referenced bias
generator which can be overridden by an external input.
Following the resistive ladder is a fixed, 30 dB gain amplifier.
The output stage common mode voltage of the CLC5526 is
set to 3V, by internal, positive supply connected resistors.
Digital control of the CLC5526 is accomplished by a 3-bit
parallel gain control input and a data valid pin to latch the
data. If the data is not latched, the DVGA is transparent to
gain control updates. All digital inputs are TTL/CMOS com-
patible.
A shutdown input reduces the CLC5526 supply currrent to a
few mA. During shutdown, the input termination is main-
tained and current attenuation settings are held.
The CLC5526 operates over the industrial temperature
range of −40˚C to +85˚C. The part is available in a 20-pin
SSOP package.
Features
n 350 MHz bandwidth
n Differential input and output
n Gain control: parallel w/data latching
n Supply voltage:
+5V
n Supply current:
48 mA
Key Specifications
n Low two tone intermod:
distortion: −64 dBc @ 1V
PP, 150 MHz
24.5 dBm IP3, 150 MHz
n Low noise:
2.5 nV/
√Hz (max gain),
9.3 dB noise figure (max gain)
n Wide gain range:
+30 dB to −12 dB
n Gain step size:
6 dB
Applications
n Cellular/PCS base stations
n IF sampling receivers
n Infrared/CCD imaging
n Back-channel modems
n Electro-optics
n Instrumentation
n Medical imaging
n High definition video
Block Diagram
DS015016-2
June 1999
© 1999 National Semiconductor Corporation
DS015016
www.national.com


Similar Part No. - CLC5526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
CLC5523I NSC-CLC5523I Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
CLC5523IM NSC-CLC5523IM Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
CLC5523IMX NSC-CLC5523IMX Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
CLC5523IN NSC-CLC5523IN Datasheet
154Kb / 12P
Low-Power, Variable Gain Amplifier
More results

Similar Description - CLC5526

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
BeRex Corporation
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com