Electronic Components Datasheet Search
  English  ▼

X  

VM147 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # VM147
Description  Programmable sinking output current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM147 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button VM147 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 12Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 13Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
110mA, 10Bit Current Sinking VCM Driver with I2C Interface
Version
:A.001
Page11
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM147
Package Specifications (WLCSP1): (0.78*1.27*0.35mm)
DIMENSION
(mm)
SYMBOL
MIN.
NOM.
MAX.
A
0.325
0.350
0.375
A1
0.090
0.100
0.110
A2
0.235
0.250
0.265
b
0.234
0.260
0.286
D
1.255
1.270
1.285
E
0.765
0.780
0.795
e1
0.380
0.400
0.420
e2
0.380
0.400
0.420
L1
0.215
0.235
0.255
L2
0.170
0.190
0.210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com